Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL1431
Description  PROGRAMMABLE VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 5 Page - STMicroelectronics

  TL1431 Datasheet HTML 1Page - STMicroelectronics TL1431 Datasheet HTML 2Page - STMicroelectronics TL1431 Datasheet HTML 3Page - STMicroelectronics TL1431 Datasheet HTML 4Page - STMicroelectronics TL1431 Datasheet HTML 5Page - STMicroelectronics TL1431 Datasheet HTML 6Page - STMicroelectronics TL1431 Datasheet HTML 7Page - STMicroelectronics TL1431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vka =Vref
Vka =Vref
Ik = 10mA
Vka =Vref = 2.5V
Ik = 10mA
Vka =Vref
Ik =10mA
Vka =Vref = 2.5V
-40
-20
0
20
40
60
80
100
120
-14
-12
-10
-8
-6
-4
-2
0
Temperature (
°C)
Vref drift (m V)
DRIFT (mV) vs TEMPERATURE (
oC)
CATHODE CURRENT vs CATHODE VOLTAGE
(detailed version)
-40
-20
0
20
40
60
80
100
120
0
0,02
0,04
0,06
0,08
0,1
Temperature (
°C)
Ioff (
µA)
OFF-STATE CATHODE CURRENT vs
TEMPERATURE
CATHODE CURRENT vs CATHODE VOLTAGE
-40
-20
0
20
40
60
80
100
120
1
1,2
1,4
1,6
1,8
2
Temperature (
°C)
Iref (
µA)
REFERENCE CURRENT vs TEMPERATURE
-40
-2 0
0
20
40
60
80
100
120
-1 ,6
-1 ,5
-1 ,4
-1 ,3
-1 ,2
-1 ,1
-1
-0 ,9
Temperature (
°C)
d(Vref) / d(Vka ) (mV/V)
RATIO OF CHANGE IN Vref TO CHANGE IN
VKA vs TEMPERATURE
TL1431
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com