Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP270M Datasheet(PDF) 8 Page - STMicroelectronics

Part # TLP270M
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP270M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TLP270M Datasheet HTML 4Page - STMicroelectronics TLP270M Datasheet HTML 5Page - STMicroelectronics TLP270M Datasheet HTML 6Page - STMicroelectronics TLP270M Datasheet HTML 7Page - STMicroelectronics TLP270M Datasheet HTML 8Page - STMicroelectronics TLP270M Datasheet HTML 9Page - STMicroelectronics TLP270M Datasheet HTML 10Page - STMicroelectronics TLP270M Datasheet HTML 11Page - STMicroelectronics TLP270M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGE MECHANICAL DATA
D
2PAK Plastic
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.30
4.60 0.169
0.181
A1
2.49
2.69 0.098
0.106
A2
0.03
0.23 0.001
0.009
B
0.70
0.93 0.027
0.037
B2
1.40
0.055
C
0.45
0.60 0.017
0.024
C2
1.21
1.36 0.047
0.054
D
8.95
9.35 0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28 0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40 0.050
0.055
L3
1.40
1.75 0.055
0.069
R
0.40
0.016
V2
0
°
8
°
0
°
8
°
FOOT-PRINT D
2PAK
8.90
3.70
1.30
5.08
16.90
10.30
TLPxxM/G/G-1
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com