Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP270M Datasheet(PDF) 6 Page - STMicroelectronics

Part # TLP270M
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP270M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TLP270M Datasheet HTML 2Page - STMicroelectronics TLP270M Datasheet HTML 3Page - STMicroelectronics TLP270M Datasheet HTML 4Page - STMicroelectronics TLP270M Datasheet HTML 5Page - STMicroelectronics TLP270M Datasheet HTML 6Page - STMicroelectronics TLP270M Datasheet HTML 7Page - STMicroelectronics TLP270M Datasheet HTML 8Page - STMicroelectronics TLP270M Datasheet HTML 9Page - STMicroelectronics TLP270M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
t(s)
ITSM(A)
F=50Hz
Tj initial=25
°C
TIP or RING
vs GND
Fig. 1: Maximum peak on-state current versus
pulse duration.
-40
-20
0
20
406080
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Tamb (
°C)
IH (Tamb) / IH (25
°C)
Fig. 2: Relative variation of IH versus Tamb.
TIP
GND
RING
10 / 1000
µs
100 A
surge generator
VBO
TIP RING
VBO
TIP - GND
Fig. 4: Test diagram fo r breakover voltage
measurement.
1
10
100
200
10
20
50
100
200
C(pF)
F=1MHz
Vosc=1VRMS
Tj=25
°C
LINE- / GND+
LINE / LINE
LINE+ / GND-
VR(V)
Fig. 3-1 :junction capacitance versus applied re-
verse voltage (typical values) (TLP140M/G/G-1).
1
10
100
200
10
20
50
100
200
C(pF)
F=1MHz
Vosc=1VRMS
Tj=25
°C
LINE- / GND+
LINE / LINE
LINE+ / GND-
VR(V)
Fig. 3-2 :junction capacitance versus applied re-
verse voltage (typical values) (TLP200M/G/G-1).
1
10
100
300
10
20
50
100
200
C(pF)
F=1MHz
Vosc=1VRMS
Tj=25
°C
LINE- / GND+
LINE / LINE
LINE+ / GND-
VR(V)
Fig. 3-3 :junction capacitance versus applied re-
verse voltage (typical values) (TLP270M/G/G-1).
TLPxxM/G/G-1
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com