Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP270M Datasheet(PDF) 13 Page - STMicroelectronics

Part # TLP270M
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP270M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TLP270M Datasheet HTML 6Page - STMicroelectronics TLP270M Datasheet HTML 7Page - STMicroelectronics TLP270M Datasheet HTML 8Page - STMicroelectronics TLP270M Datasheet HTML 9Page - STMicroelectronics TLP270M Datasheet HTML 10Page - STMicroelectronics TLP270M Datasheet HTML 11Page - STMicroelectronics TLP270M Datasheet HTML 12Page - STMicroelectronics TLP270M Datasheet HTML 13Page - STMicroelectronics TLP270M Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SUBSTRATES AND MOUNTING INFORMATION
The use of epoxy FR4 boards is quite common for
surface mounting techniques, however, their poor
thermal conduction compromises the
otherwise
outstanding thermal performanceof the PowerSO-
10. Some methods to overcome this limitation are
discussed below.
One possibility to improve the thermal conduction
is the use of large heat spreader areas at the cop-
per layer of the PC board. This leads to a reduction
of thermal resistance to 35
°C for 6 cm2 of the
board heatsink (see fig. 2).
Use of copper-filled through holes on conventional
FR4 techniques will increase the metallization and
decrease thermal resistance accordingly. Using
a configurationwith 16 holes under the spreader of
the package with a pitch of 1.8 mm and a diameter
of 0.7 mm, the thermal resistance (junction -
heatsink) can be reduced to 12
°C/W (see fig. 3).
Beside the thermal advantage, this solution allows
multi-layer boards to be used. However, a draw-
back of this traditional material prevents its use in
very high power, high current circuits. For instance,
it is not advisable to surface mount devices with
currents greater than 10 A on FR4 boards. A
Power Mosfet or Schottky diode in a surface mount
power package can handle up to around 50 A if
better substrates are used.
Fig. 2 : Mounting on epoxy FR4 head dissipation by extending the area of the copper layer
Fig. 3 : Mounting on epoxy FR4 by using copper-filled through holes for heat transfer
FR4 board
Copper foil
FR4 board
Copper foil
heat transfer
heatsink
TLPxxM/G/G-1
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com