Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP270M Datasheet(PDF) 10 Page - STMicroelectronics

Part # TLP270M
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP270M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TLP270M Datasheet HTML 6Page - STMicroelectronics TLP270M Datasheet HTML 7Page - STMicroelectronics TLP270M Datasheet HTML 8Page - STMicroelectronics TLP270M Datasheet HTML 9Page - STMicroelectronics TLP270M Datasheet HTML 10Page - STMicroelectronics TLP270M Datasheet HTML 11Page - STMicroelectronics TLP270M Datasheet HTML 12Page - STMicroelectronics TLP270M Datasheet HTML 13Page - STMicroelectronics TLP270M Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE MECHANICAL DATA
Power-SO10
E2
E
1
10
5
6
H
eB
0.25 M
D
h
A
F
A1
E4
E3 E1
SEATING
PLANE
SEATING
PLANE
A
B
C
Q
DETAIL ”A”
0.10 A B
L
A1
a
DETAIL ”A”
D1
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
3.35
3.65
0.131
0.143
A1
0.00
0.10
0.00
0.0039
B
0.40
0.60 0.0157
0.0236
C
0.35
0.55 0.0137
0.0217
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.299
E
9.30
9.50
0.366
0.374
E1
7.20
7.40
0.283
0.291
E2
7.20
7.60
0.283
0.299
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
E3
6.10
6.35
0.240
0.250
E4
5.90
6.10
0.232
0.240
e
1.27
0.05
F
1.25
1.35 0.0492
0.0531
H
13.80
14.40 0.543
0.567
h
0.50
0.019
L
1.20
1.80 0.0472
0.0708
Q
1.70
0.067
a0
°
8
°
0
°
8
°
TLPxxM/G/G-1
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com