Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN805
Description  SCR?셲
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 2 Page - STMicroelectronics

  TN805 Datasheet HTML 1Page - STMicroelectronics TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)= 1W PGM = 10 W (tp = 20
µs)
IGM = 4 A (tp = 20
µs)
VRGM = 5 V
GATE CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (S=0.5cm
2)70
°C/W
Rth(j-c)
Junction to case for D.C
2.5
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Type
Value
Unit
TN805
TN815
IGT
VD = 12V (DC) RL= 33
Ω
Tj= 25
°CMAX
5
15
µA
VGT
VD = 12V (DC) RL= 33
Ω
Tj= 25°C
MAX
1.5
V
VGD
VD = VDRM RL = 3.3k
Ω
Tj= 125
°CMIN
0.2
V
tgt
VD = VDRM
ITM = 3 x IT(AV)
IG = 40mA
dIG/dt = 0.5A/us
Tj= 25°C
TYP
2
µs
IH
IT= 150mA
Gate open
Tj= 25
°C
MAX
25
30
mA
IL
IG = 1.2 IGT
Tj= 25
°C
MAX
25
30
mA
VTM
ITM= 16A tp= 380
µs
Tj= 25
°CMAX
1.6
V
IDRM
VDRM Rated
Tj= 25
°CMAX
10
µA
IRRM
VRRM Rated
Tj = 125°C
MAX
2
mA
dV/dt
Linear slope up to
VD=67%VDRM Gate open
Tj= 125
°CMIN
50
150
V/
µs
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
TN
8
05 - 600
B
SCR
CURRENT
PACKAGES :
B: DPAK
VDRM / VRRM
SENSITIVITY
TN805/TN815-B
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com