Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN805
Description  SCR?셲
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 4 Page - STMicroelectronics

  TN805 Datasheet HTML 1Page - STMicroelectronics TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-40
-20
0
20406080
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(°C)
Igt,IH[Tj]/Ig,IH[Tj=25°C]
Igt
IH
Fig. 5: Relative variation of gate trigger current and
holding current versus junction temperature.
1
10
100
1000
0
10
20
30
40
50
60
70
80
Number of cycles
ITSM(A)
Tj initial=25°C
F=50Hz
Fig. 6: Non repetitive surge peak on-state current
versus number of cycles.
12
5
10
10
20
50
100
300
tp(ms)
ITSM(A),I²t(A²s)
Tj initial=25°C
ITSM
I²t
Fig. 7: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and cor-
responding value of I2t.
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 9: Thermal resistance junction to ambient ver-
sus copper surface under tab (Epoxy printed circuit
board FR4, copper thickness: 35
µm).
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.1
1.0
10.0
100.0
VTM(V)
ITM(A)
Tj max.:
Vto=0.85V
Rt=46m
Tj=Tj max.
Tj=25°C
Fig. 8: On-state characteristics (maximum values).
TN805/TN815-B
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com