Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN805
Description  SCR?셲
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 3 Page - STMicroelectronics

  TN805 Datasheet HTML 1Page - STMicroelectronics TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
102030 40506070 8090 100 110 120 130
0
2
4
6
8
10
Tcase(°C)
IT(av)(A)
D.C.
α = 180°
Fig. 3-1: Average and D.C. on-state current versus
case temperature.
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
Fig. 4-1: Relative variation of thermal impedance
versus pulse duration.
0
1
2345
67
0
1
2
3
4
5
6
7
8
IT(av)(A)
P(W)
D.C.
α = 30°
α = 60°
α = 90°
α = 120°
α = 180°
360°
α
Fig. 1: Maximum average power dissipation ver-
sus average on-state current .
0
102030405060 70 8090 100 110 120 130
0
1
2
3
4
5
6
7
8
Tamb(°C)
P(W)
Tcase (°C)
Rth=0°C/W
Rth=37°C/W
125
110
105
115
120
α = 180°
Fig. 2 : Correlation between maximum average
power dissipation and maximum allowable tem-
peratures (Tamb and Tcase) for different thermal
resistances heatsink+contact.
0
10203040 5060708090 100 110 120 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tamb(°C)
IT(av)(A)
D.C.
α = 180°
Fig. 3-2: Average and D.C. on-state current versus
case temperature.
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
tp(s)
K=[Zth(j-a)/Rth(j-a)]
Fig. 4-2: Relative variation of thermal impedance
versus pulse duration.
TN805/815-B
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com