Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN805
Description  SCR?셲
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 5 Page - STMicroelectronics

  TN805 Datasheet HTML 1Page - STMicroelectronics TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
DPAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max
Min.
Typ. Max.
A
2.20
2.40 0.086
0.094
A1
0.90
1.10 0.035
0.043
A2
0.03
0.23 0.001
0.009
B
0.64
0.90 0.025
0.035
B2
5.20
5.40 0.204
0.212
C
0.45
0.60 0.017
0.023
C2
0.48
0.60 0.018
0.023
D
6.00
6.20 0.236
0.244
E
6.40
6.60 0.251
0.259
G
4.40
4.60 0.173
0.181
H
9.35
10.10 0.368
0.397
L2
0.80
0.031
L4
0.60
1.00 0.023
0.039
V2
0°
8°
0°
8°
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
6.7
6.7
6.7
3
1.6
1.6
2.3
2.3
FOOT PRINT DIMENSIONS (in millimeters)
WEIGHT : 0.30g
TYPE
MARKING
T805- x00B
TN8
05x0
T815-x00B
TN8
15x0
MARKING
TN805/815-B
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com