Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011K4R7ABSTR Datasheet(PDF) 19 Page - AVX Corporation

Part # 02011K4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011K4R7ABSTR Datasheet(HTML) 19 Page - AVX Corporation

Back Button 02011K4R7ABSTR Datasheet HTML 11Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 12Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 13Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 14Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 15Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 16Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 17Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 18Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
24
1
AB
C
D
E
F
8.0 ± 0.3
3.5 ± 0.05
1.75±0.1
2.0 ± 0.05
4.0 ± 0.1
1.5
(0.315 ± 0.012)
(0.138 ± 0.002)
(0.069 ± 0.004)
(0.079 ± 0.002)
(0.157 ± 0.004)
(0.059
)
Accu-F®/Accu-P®
Automatic Insertion Packaging
A(1)
BC
D
E
F
G
180±1.0
1.5 min.
13±0.2
20.2 min.
50 min.
9.6±1.5
14.4 max.
(7.087±0.039)
(0.059 min.)
(0.512 ± 0.008)
(0.795 min.)
(1.969 min.)
(0.370 ± 0.050)
(0.567 max.)
NOTE: AVX reserves the right to change the information published herein without notice.
TAPE & REEL
All tape and reel specifications are in compliance with EIA 481-1-A.
(equivalent to IEC 286 part 3).
• 8mm carrier
• Reeled quantities: Reels of 3,000 per 7" reel or 10,000 pieces per 13" reel
0201 and 0402 = 5,000 pieces per 7" reel and 20,000 pieces per 13" reel
FULL RADIUS
D*
B*
C
E
F
G MAX.
A
DRIVE SPOKES OPTIONAL
IF USED, ASTERISKED
DIMENSIONS APPLY.
*
A
E
P
D
F
W
L
C
B
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2
CENTER LINES
OF CAVITY
TOP
TAPE
DIRECTION OF FEED
REEL
DIMENSIONS: millimeters (inches)
CARRIER
DIMENSIONS: millimeters (inches)
Metric dimensions will govern.
Inch measurements rounded and for reference only.
(1) 330mm (13 inch) reels are available.
+0.1
-0.0
+0.004
-0.000
NOTE: The nominal dimensions of the component compartment (W,L) are derived from the component size.
P = 4mm except 0201 and 0402 where P = 2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com