Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011K4R7ABSTR Datasheet(PDF) 14 Page - AVX Corporation

Part # 02011K4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011K4R7ABSTR Datasheet(HTML) 14 Page - AVX Corporation

Back Button 02011K4R7ABSTR Datasheet HTML 10Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 11Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 12Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 13Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 14Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 15Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 16Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 17Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 18Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
19
1
Accu-F® / Accu-P®
High Frequency Characteristics
Typical ESR vs. Frequency
Accu-P® 1210
Typical Q vs. Frequency
Accu-P® 1210
Typical Self Resonant Frequency vs. Capacitance
Accu-P® 1210
10
GHz
1
0.1
1
10
100
pF
L (self inductance)
~1.02 nH
NOTE
L and SRF are obtained from the measured increase in
effective capacitance as the frequency is increased
Measured on the Boonton 34-A
1pF
3.3pF
33pF
10pF
1
0.1
0.01
0
0.5
1
1.5
2
2.5
3GHz
Measured on Boonton 34-A
(34-A limits measurements to 3GHz)
33pF
3.3pF
1pF
10pF
10000
100
1000
10
0
0.5
1
1.5
2
2.5
3GHz
Measured on Boonton 34-A
(34-A limits measurements to 3GHz)
GHz
10
1
0.1
1
10
100
pF
L (self inductance)
~0.82 nH
NOTE
L and SRF are obtained from the measured increase in
effective capacitance as the frequency is increased
Measured on the Boonton 34-A
Typical ESR vs. Frequency
Accu-F®/Accu-P® 0805
Typical Q vs. Frequency
Accu-F®/Accu-P® 0805
Typical Self Resonant Frequency vs. Capacitance
Accu-F®/Accu-P® 0805
1pF
3.3pF
33pF
1
0.1
0.01
0
0.5
1
1.5
2
2.5
3GHz
Measured on Boonton 34-A
(34-A limits measurements to 3GHz)
33pF
3.3pF
1pF
10pF
10000
100
1000
10
0
0.5
1
1.5
2
2.5
3GHz
Measured on Boonton 34-A
(34-A limits measurements to 3GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com