Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011K4R7ABSTR Datasheet(PDF) 4 Page - AVX Corporation

Part # 02011K4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011K4R7ABSTR Datasheet(HTML) 4 Page - AVX Corporation

  02011K4R7ABSTR Datasheet HTML 1Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 2Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 3Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 4Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 5Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 6Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 7Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 8Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9
1
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF(1)
code
0.1
—
0R1
0.2
—
0R2
0.3
—
0R3
0.4
—
0R4
0.5
—
0R5
0.6
—
0R6
0.7
—
0R7
0.8
—
0R8
0.9
—
0R9
1.0
—
1R0
1.2
—
1R2
1.5
—
1R5
1.8
—
1R8
2.2
—
2R2
2.7
—
2R7
3.3
—
3R3
3.9
—
3R9
4.7
—
4R7
5.6
—
5R6
6.8
—
6R8
8.2
—
8R2
10
—
100
12
—
120
15
—
150
18
—
180
22
—
220
27
—
270
33
—
330
39
—
390
47
—
470
56
—
560
68
—
680
82
—
820
100
—
101
120
—
121
150
—
151
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF
(
(1)
code
0.1
—
0R1
0.2
—
0R2
0.3
—
0R3
0.4
—
0R4
0.5
—
0R5
0.6
—
0R6
0.7
—
0R7
0.8
—
0R8
0.9
—
0R9
1.0
—
1R0
1.2
—
1R2
1.5
—
1R5
1.8
—
1R8
2.2
—
2R2
2.7
—
2R7
3.3
—
3R3
3.9
—
3R9
4.7
—
4R7
5.6
—
5R6
6.8
—
6R8
8.2
—
8R2
10
—
100
12
—
120
15
—
150
18
—
180
22
—
220
27
—
270
33
—
330
39
—
390
47
—
470
56
—
560
68
—
680
82
—
820
100
—
101
120
—
121
150
—
151
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C
(-55°C to +125°C)
(2)
Accu-F® *
Signal Type Capacitors
TEMP. COEFFICIENT CODE
“K” = 0±60ppm/°C
(-55°C to +125°)
(2)
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
Accu-F
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
*
Not recommended for new designs.
Accu-P’s are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com