Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011K4R7ABSTR Datasheet(PDF) 11 Page - AVX Corporation

Part # 02011K4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011K4R7ABSTR Datasheet(HTML) 11 Page - AVX Corporation

Back Button 02011K4R7ABSTR Datasheet HTML 7Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 8Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 9Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 10Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 11Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 12Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 13Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 14Page - AVX Corporation 02011K4R7ABSTR Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
16
1
Capacitance
Self
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
& Tolerance*
Resonance
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
@ 1 MHz
Frequency
(MHz)
Max/Min
(
Ω)
(MHz)
Max/Min
(
Ω)
(MHz)
Max/Min
(
Ω)
(MHz)
Max/Min
(
Ω)
(pF)
(GHz)
(pF)
(pF)
(pF)
(pF)
1.0±0.25
4.98
247
1.23/0.75
.350
495
1.34/0.86
.260
745
1.46/0.94
.280
995
1.6/0.99
.350
1.2±0.25
4.55
245
1.32/0.95
.310
491
1.45/1.00
.240
739
1.64/1.1
.260
987
2.00/1.2
.320
1.5±0.25
4.07
242
1.6/1.23
.250
486
1.75/1.3
.230
731
1.82/1.95
.250
978
2.1/1.4
.270
1.8±0.25
9.71
240
2.1/1.55
.200
482
2.21/1.56
.200
731
2.4/1.6
.200
978
2.54/1.7
.210
2.2±0.25
9.96
237
2.48/1.95
.170
476
2.68/2.00
.170
727
2.85/2.1
.180
969
3.02/2.2
.200
2.7±0.25
2.70
233
3.42/2.45
.140
466
3.49/2.55
.140
708
3.73/2.63
.150
952
3.89/2.70
.170
3.3±0.25
2.60
229
4.02/3.05
.140
463
4.09/3.15
.130
704
4.33/3.23
.140
948
4.49/3.30
.160
3.6±0.25
2.50
228
4.18/3.35
.130
462
4.32/3.43
.130
704
4.50/3.32
.140
947
4.78/3.45
.160
3.9±0.25
2.40
227
4.53/3.65
.130
458
4.66/3.73
.120
701
4.85/3.75
.140
944
5.18/3.90
.150
4.3±0.25
2.30
223
5.01/4.05
.120
456
5.11/4.14
.110
697
5.32/4.29
.130
940
5.72/4.30
.140
4.7±0.25
2.20
220
5.48/4.45
.120
451
5.62/4.50
.110
691
5.94/4.60
.130
936
6.56/4.70
.140
5.1±0.25
2.10
218
5.88/4.85
.110
447
6.04/4.90
.110
683
6.36/5.10
.130
933
7.20/5.40
.140
5.6±0.25
2.00
215
6.49/5.35
.110
441
6.72/5.56
.100
681
7.17/5.67
.120
928
8.15/6.00
.140
6.2±0.25
1.90
212
7.19/5.95
.100
442
7.26/6.07
.100
679
7.99/6.10
.110
927
9.18/7.00
.130
6.8±0.25
1.80
208
7.38/6.55
.100
435
8.16/6.42
.100
677
8.81/6.93
.110
925
10.20/7.42
.130
7.5±0.25
1.70
206
8.60/7.90
.100
434
8.90/7.25
.100
675
9.58/7.60
.100
924
11.36/8.00
.130
8.2±0.25
1.70
203
9.36/7.70
.100
432
9.76/7.96
.090
673
10.68/8.31
.100
922
13.00/9.10
.130
9.1±0.25
1.60
199
10.34/8.60
.090
429
10.87/8.88
.090
670
12.10/9.66
.090
920
15.11/10.25
.130
10±5%
1.50
196
11.33/9.50
.090
423
11.97/9.79
.090
668
13.51/10.05
.090
918
17.22/11.06
.130
11±5%
1.50
193
12.50/10.45
.090
420
13.23/10.83
.090
665
15.07/11.33
.090
916
N/A
.130
12±5%
1.40
190
13.61/11.40
.080
418
14.59/11.90
.080
663
16.90/12.82
.090
915
N/A
.120
13±5%
1.30
185
14.75/12.35
.080
416
15.64/13.00
.080
662
18.80/13.60
.090
914
N/A
.120
14±5%
1.30
183
15.89/13.30
.080
415
17.22/14.00
.080
661
20.85/16.00
.090
913
N/A
.120
15±5%
1.20
182
17.02/14.25
.080
414
18.56/15.19
.080
660
22.62/17.00
.090
912
N/A
.110
16±5%
1.20
180
18.16/15.20
.080
411
19.90/16.28
.080
659
25.12/18.00
.090
911
N/A
.110
18±5%
1.10
176
20.42/17.10
.070
408
22.69/18.57
.080
657
30.00/24.00
.080
909
N/A
.110
20±5%
1.10
173
22.70/19.00
.070
406
25.36/20.78
.080
656
35.00/26.00
.080
908
N/A
.110
22±5%
1.00
171
24.95/20.90
.070
405
28.06/22.96
.080
655
42.00/27.00
.080
908
N/A
.110
24±5%
0.98
168
27.20/22.60
.070
403
31.31/25.60
.080
654
N/A
.080
907
N/A
.110
25±5%
0.96
166
26.39/23.75
.070
402
32.91/26.00
.080
653
N/A
.080
907
N/A
.110
27±5%
0.92
164
30.78/25.65
.070
401
36.10/28.00
.070
652
N/A
.080
906
N/A
.110
28±5%
0.91
163
31.93/26.50
.070
401
37.60/30.76
.070
651
N/A
.080
906
N/A
.110
30±5%
0.88
162
34.23/28.50
.070
400
40.50/33.20
.070
651
N/A
.080
905
N/A
.110
32±5%
0.85
161
36.51/30.40
.070
399
44.63/34.50
.070
650
N/A
.080
905
N/A
.110
33±5%
0.84
159
37.65/31.35
.060
399
46.65/35.00
.070
650
N/A
.080
905
N/A
.110
34±5%
0.82
158
38.83/32.30
.060
398
48.51/37.00
.070
649
N/A
.080
904
N/A
.110
36±5%
0.80
157
41.20/34.20
.060
397
52.22/41.00
.070
649
N/A
.070
904
N/A
.110
39±5%
0.77
155
44.79/37.05
.060
396
59.00/43.00
.070
649
N/A
.070
904
N/A
.110
43±5%
0.73
153
49.99/40.85
.060
396
70.00/46.00
.070
648
N/A
.070
904
N/A
.110
47±5%
0.70
152
55.69/44.65
.060
395
81.00/53.00
.070
648
N/A
.070
903
N/A
.110
Accu-P®
1210 Typical Electrical Tables
* Other tolerances are available, see page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com