Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS391
Description  LOWPOWER SINGLE VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 1 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LOW POWER SINGLE VOLTAGE COMPARATORS
®
.
WIDE SINGLE SUPPLY VOLTAGE RANGE OR
DUAL SUPPLIES +2V TO +36V OR
±1V TO
±18V
.
VERY LOW SUPPLY CURRENT (0.2mA)
INDEPENDENT OF SUPPLY VOLTAGE
(1 mW/comparator at +5V)
.
LOW INPUT BIAS CURRENT : 25nA TYP
.
LOW INPUT OFFSET CURRENT :
±5nA TYP
.
LOW INPUT OFFSET VOLTAGE :
±1mV TYP
.
INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
.
LOW OUTPUT SATURATION VOLTAGE :
250mV TYP. (IO =4mA)
.
DIFFERENTIAL INPUT VOLTAGE RANGE
EQUAL TO THE SUPPLY VOLTAGE
.
TTL, DTL, ECL, MOS, CMOS COMPATIBLE
OUTPUTS
DESCRIPTION
These devices consist of a low power voltage com-
parator designed specifically to operate from a sin-
gle supply over a wide range of voltages. Operation
from split power supplies is also possible.
This comparator also has a unique characteristic in
that the input common-mode voltage range
includes ground even though operatedfrom a single
power supply voltage.
ORDER CODES
Part
Number
Temperature
Range
Package
L
TS391IL
–40, +125
oC
•
Example : TS391IL
1
2
3
4
5
Inve rting input
Non-inve rting input
Outp ut
V
CC
-
VCC+
PIN CONNECTIONS (top view)
TS391
November 1998
L
SOT23-5L
(Tiny Package)
1/5


Similar Part No. - TS391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
115Kb / 7P
Low Power Single Voltage Comparator
Jan-2006
TS391 STMICROELECTRONICS-TS391 Datasheet
126Kb / 8P
Low power single voltage comparator
21-Nov-2007
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Similar Description - TS391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Analog Devices
EVAL-AD73322EB AD-EVAL-AD73322EB Datasheet
732Kb / 12P
EvaluationBoardforLowCost,LowPower, CMOSGerneralPurposeDualAnalogFrontEnd
REV.A
logo
ams AG
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
Low-Voltage Single/Dual/Quad Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
logo
Intersil Corporation
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
logo
ams AG
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com