Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS391
Description  LOWPOWER SINGLE VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 3 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = +5V, VCC– = 0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage – (note 2)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
15
9
mV
Iib
Input Bias Current – (note 3)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
25
250
400
nA
Iio
Input Offset Current
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
550
150
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL =15k
Ω,Vo = 1 to 11V
50
200
V/mV
ICC
Supply Current
VCC =
5V, no load
VCC = 30V, no load
0.2
0.5
0.5
1.25
mA
Vicm
Input Common Mode Voltage Range - (note 4)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
0
0
VCC
+ -1.5
VCC
+ -2
V
Vid
Differential Input Voltage - (note 6)
VCC
+
V
Isink
Output Sink Current
(Vid = -1V, VO = 1.5V)
6
16
mA
VOL
Low Level Output Voltage
(Vid = -1V, Isink = 4mA)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High Level Output Current
(Vid = 1V, VCC =VO = 30V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax
0.1
1
nA
µA
tre
Response Time
(RL = 5.1k
Ω to VCC+) – (note 5)
1.3
µs
trel
Large Signal Response Time
(Vi =TTL, Vref = +1.4 V, RL = 5.1k
Ω to VCC+)
300
ns
No tes : 2. At output sw it ch point, VO
≈ 1.4V, RS =0Ω with VCC+ from 5V to 30V and over the full input common-mode range
(0V to VCC
+ 1.5V).
3. T he direction of the input cur rent is out of the IC due t o the PNP input stage. This cur rent is essenti ally constant,
i ndependent of the state of the output, so no loading charge exists on the reference or input l ines.
4. T he input common-mode voltage of either i nput signal volt age should not be allow ed to go negati ve by more than
0.3V.
T he upper end of the common-mode voltage range i s VCC
+ –1.5V, but either or both inputs can go to +30V without
damage.
5. T he response time specifi ed is for a 100mV input step wi th 5mV overdr ive. F or lar ger overdrive signals 300ns can
be obtained.
6. Positive excursions of input volt age may exceed the power suppl y level. As long as the other voltage remains wit hin
the common-mode range the comparat or wi ll provi de a proper output state. The l ow input vol tage st ate must not
be l ess than –0.3V (or 0.3V below the negative power supply, if used).
TS391
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com