Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS391
Description  LOWPOWER SINGLE VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 2 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
TS391I
Unit
VCC
Supply Voltage
±18 or 36
V
Vid
Differential Input Voltage
±36
V
Vi
Input Voltage
–0.3 to +36
V
Output Short-circuit to Ground - note 1
Infinite
Ptot
Power Dissipation - note 2
500
mW
Toper
Operating Free-air TemperatureRange
–40 to +125
oC
Tstg
Storage Temperature Range
–65 to +150
oC
Notes : 1. Short -circui t from the output to VCC
+ can cause excessi ve heating and eventual destruction. T he maximum output
current i s approxi mat ely 20mA, independent of the magni tude of VCC
+.
2. Tj =150
o C, Tamb =25oCwith Rthja =250oC/W for SOT23-5 package.
Non-inverting
Input
Inverting
Input
3.5
µA100µA
3.5
µA
100
µA
CC
V
CC
V
CC
V
CC
V
O
V
SCHEMATIC DIAGRAM
TS391
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com