Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS391
Description  LOWPOWER SINGLE VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 4 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.5
0.4
0.3
0.2
0.1
0
10
2 0
30
40
S UP P LY VOLTAGE (V)
Tamb =+70 C
Tamb = +125 C
T= +25 C
Tamb =0 C
Tamb =-55 C
R
=
SUPPLY CURRENT versus
SUPPLY VOLTAGE
20
10
20
30
40
SUPPLY VOLTAGE (V)
Tamb = +70
°C
Tamb = +125
°C
Tamb = -55
°C
40
60
80
0
Tamb =0
°C
Tamb= +25
°C
V= 0V
i
R= 10
Ω
i
9
INPUT CURRENT versus
SUPPLY VOLTAGE
Tamb = -55
°C
Tamb = +125
°C
Tamb= +25
°C
Out of saturation
10
1
10
-3
10
-2
10
-1
10
0
10
-2
10
-1
10
0
10
1
10
2
OUTPUT SINK CURRENT (mA)
OUTPUT SATURATION VOLTAGE
versus OUTPUT CURRENT
5V
5.1k
Ω
e o
e I
6
5
4
3
2
1
0
0
-50
-100
0
0.5
1
1.5
2
TIME (
µs)
Input overdrive : 5mV
20mV
100mV
Tamb= +25
°C
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES - NEGATIVE TRANSITION
5V
5. 1 k
Ω
eo
e
I
6
5
4
3
2
1
0
100
50
0
0.5
1
1.5
2
TIME (
µs)
Input overdrive : 100mV
20mV
5mV
Tamb= +25
°C
0
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES - POSITIVE TRANSITION
TS391
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com