Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5763CSUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5763CSUZ
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763CSUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5763CSUZ Datasheet HTML 2Page - Analog Devices AD5763CSUZ Datasheet HTML 3Page - Analog Devices AD5763CSUZ Datasheet HTML 4Page - Analog Devices AD5763CSUZ Datasheet HTML 5Page - Analog Devices AD5763CSUZ Datasheet HTML 6Page - Analog Devices AD5763CSUZ Datasheet HTML 7Page - Analog Devices AD5763CSUZ Datasheet HTML 8Page - Analog Devices AD5763CSUZ Datasheet HTML 9Page - Analog Devices AD5763CSUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AD5763
Preliminary Technical Data
Rev. PrA | Page 6 of 31
AC PERFORMANCE CHARACTERISTICS
AVDD = 4.75 V to 5.25 V, AVSS = −4.75 V to −5.25 V, AGNDX = DGND = REFGND = PGND = 0 V; REFA = REFB = 2.048 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 5 kΩ, CLOAD = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
A Grade
B Grade
C Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
8
8
8
µs typ
Full-scale step to ±1 LSB
10
10
10
µs max
2
2
2
µs typ
512 LSB step settling
Slew Rate
5
5
5
V/µs typ
Digital-to-Analog Glitch Energy
8
8
8
nV-sec typ
Glitch Impulse Peak Amplitude
25
25
25
mV max
Channel-to-Channel Isolation
80
80
80
dB typ
DAC-to-DAC Crosstalk
8
8
8
nV-sec typ
Digital Crosstalk
2
2
2
nV-sec typ
Digital Feedthrough
2
2
2
nV-sec typ
Effect of input bus activity on DAC
outputs
Output Noise (0.1 Hz to 10 Hz)
0.1
0.1
0.1
LSB p-p typ
Output Noise (0.1 Hz to 100 kHz)
45
45
45
µV rms max
1/f Corner Frequency
1
1
1
kHz typ
Output Noise Spectral Density
60
60
60
nV/√Hz typ
Measured at 10 kHz
Complete System Output Noise Spectral
Density2
80
80
80
nV/√Hz typ
Measured at 10 kHz
1 Guaranteed by design and characterization; not production tested.
2 Includes noise contributions from integrated reference buffers, 16-bit DAC and output amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com