Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5763CSUZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5763CSUZ
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763CSUZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5763CSUZ Datasheet HTML 23Page - Analog Devices AD5763CSUZ Datasheet HTML 24Page - Analog Devices AD5763CSUZ Datasheet HTML 25Page - Analog Devices AD5763CSUZ Datasheet HTML 26Page - Analog Devices AD5763CSUZ Datasheet HTML 27Page - Analog Devices AD5763CSUZ Datasheet HTML 28Page - Analog Devices AD5763CSUZ Datasheet HTML 29Page - Analog Devices AD5763CSUZ Datasheet HTML 30Page - Analog Devices AD5763CSUZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Preliminary Technical Data
AD5763
Rev. PrA | Page 27 of 31
LDAC is controlled by the PC6 port output. The DAC can be
updated after each 3-byte transfer by bringing LDAC low. This
example does not show other serial lines for the DAC. For
example, if CLR were used, it could be controlled by port
output PC5.
AD5763 to 8XC51 Interface
The AD5763 requires a clock synchronized to the serial data.
For this reason, the 8XC51 must be operated in Mode 0. In this
mode, serial data enters and exits through RxD, and a shift
clock is output on TxD.
P3.3 and P3.4 are bit programmable pins on the serial port and
are used to drive SYNC and LDAC, respectively. The 8CX51
provides the LSB of its SBUF register as the first bit in the data
stream. The user must ensure that the data in the SBUF register
is arranged correctly, because the DAC expects the MSB first.
When data is to be transmitted to the DAC, P3.3 is taken low.
Data on RxD is clocked out of the microcontroller on the rising
edge of TxD and is valid on the falling edge. As a result, no glue
logic is required between this DAC and the microcontroller
interface.
8XC511
1ADDITIONAL PINS OMITTED FOR CLARITY
AD57631
SCLK
TxD
SDIN
RxD
SYNC
P3.3
LDAC
P3.4
Figure 38. AD5763 to 8XC51 Interface
The 8XC51 transmits data in 8-bit bytes with only eight falling
clock edges occurring in the transmit cycle. Because the DAC
expects a 24-bit word, SYNC (P3.3) must be left low after the
first eight bits are transferred. After the third byte has been
transferred, the P3.3 line is taken high. The DAC can be
updated using LDAC via P3.4 of the 8XC51.
AD5763 to Blackfin DSP interface
Figure 39 shows how the AD5763 can be interfaced to Anlaog
Devices Blackfin DSP. The Blackfin has an integrated SPI port
that can be connected directly to the SPI pins of the AD5763 and
programmable I/O pins that can be used to set the state of a
digital input such as the LDAC pin.
SYNC
ADSP-BF531
AD5763
SCLK
SDIN
SPISELx
SCK
MOSI
LDAC
PF10
Figure 39. AD5763 to Blackfin Interface
AD5763 to PIC16C6x/7x Interface
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit set to 0. This is done
by writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual. In
this example, I/O port RA1 is being used to pulse SYNC and
enable the serial port of the AD5763. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, three consecutive write operations are
needed. Figure 40 shows the connection diagram.
PIC16C6x/7x1
1ADDITIONAL PINS OMITTED FOR CLARITY
AD57631
SDO
SDI/RC4
SDIN
SDO/RC5
SCLK
SCLK/RC3
SYNC
RA1
Figure 40. AD5763 to PIC16C6x/7x Interface
EVALUATION BOARD
The AD5763 performance can be evaluated via the AD5765
evaluation board.
The AD5765 comes with a full evaluation board to aid
designers in evaluating the high performance of the part with a
minimum of effort. All that is required with the evaluation
board is a power supply and a PC. The AD5765 evaluation kit
includes a populated, tested AD5765 printed circuit board. The
evaluation board interfaces to the USB interface of the PC.
Software is available with the evaluation board, which allows
the user to easily program the AD5765. The software runs on
any PC that has Microsoft® Windows® 2000/XP installed.
An application note is available that gives full details on
operating the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com