Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5763CSUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5763CSUZ
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763CSUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5763CSUZ Datasheet HTML 3Page - Analog Devices AD5763CSUZ Datasheet HTML 4Page - Analog Devices AD5763CSUZ Datasheet HTML 5Page - Analog Devices AD5763CSUZ Datasheet HTML 6Page - Analog Devices AD5763CSUZ Datasheet HTML 7Page - Analog Devices AD5763CSUZ Datasheet HTML 8Page - Analog Devices AD5763CSUZ Datasheet HTML 9Page - Analog Devices AD5763CSUZ Datasheet HTML 10Page - Analog Devices AD5763CSUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Preliminary Technical Data
AD5763
Rev. PrA | Page 7 of 31
TIMING CHARACTERISTICS
AVDD = 4.75 V to 5.25 V, AVSS = −4.75 V to −5.25 V, AGNDX = DGND = REFGND = PGND = 0 V; REFA = REFB = 2.048 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 5 kΩ, CLOAD = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t54
13
ns min
24th SCLK falling edge to SYNC rising edge
t6
40
ns min
Minimum SYNC high time
t7
2
ns min
Data setup time
t8
5
ns min
Data hold time
t9
1.4
µs min
SYNC rising edge to LDAC falling edge (all DACs updated)
400
ns min
SYNC rising edge to LDAC falling edge (single DAC updated)
t10
10
ns min
LDAC pulse width low
t11
500
ns max
LDAC falling edge to DAC output response time
t12
10
µs max
DAC output settling time
t13
10
ns min
CLR pulse width low
t14
2
µs max
CLR pulse activation time
t155, 6
25
ns max
SCLK rising edge to SDO valid
t16
13
ns min
SYNC rising edge to SCLK falling edge
t17
2
µs min
SYNC rising edge to DAC output response time (LDAC = 0)
t18
170
ns min
LDAC falling edge to SYNC rising edge
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 Standalone mode only.
5 Measured with the load circuit of Figure 5.
6 Daisy-chain mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com