Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5763CSUZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD5763CSUZ
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763CSUZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5763CSUZ Datasheet HTML 21Page - Analog Devices AD5763CSUZ Datasheet HTML 22Page - Analog Devices AD5763CSUZ Datasheet HTML 23Page - Analog Devices AD5763CSUZ Datasheet HTML 24Page - Analog Devices AD5763CSUZ Datasheet HTML 25Page - Analog Devices AD5763CSUZ Datasheet HTML 26Page - Analog Devices AD5763CSUZ Datasheet HTML 27Page - Analog Devices AD5763CSUZ Datasheet HTML 28Page - Analog Devices AD5763CSUZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Preliminary Technical Data
AD5763
Rev. PrA | Page 25 of 31
APPLICATIONS INFORMATION
TYPICAL OPERATING CIRCUIT
Figure 35 shows the typical operating circuit for the AD5763.
The only external components needed for this precision 16-bit
DAC are a reference voltage source, decoupling capacitors on
the supply pins and reference inputs, and an optional short-
circuit current setting resistor. Because the device incorporates
reference buffers, it eliminates the need for an external bipolar
reference and associated buffers. This leads to an overall savings
in both cost and board space.
In Figure 35, AVDD is connected to +5 V and AVSS is connected
to −5 V. In Figure 35, AGNDA is connected to REFGND.
1
2
3
4
5
6
7
8
23
22
21
18
19
20
24
17
9
10 11
12
13 14 15
16
32 31 30
29 28 27 26
25
AD5763
SYNC
SCLK
SDIN
SDO
D0
LDAC
CLR
D1
NC
VOUTA
AGNDA
NC
VOUTB
AGNDB
NC
NC
SYNC
SCLK
SDIN
SDO
LDAC
D0
D1
RSTOUT
RSTIN
BIN/2sCOMP
+5V
+5V
+5V
–5V
NC = NO CONNECT
+5V –5V
VOUTA
VOUTB
100nF
10µF
100nF
100nF
100nF
10µF
10µF
10µF
ADR420
4
GND
2
6
VOUT
VIN
+5V
100nF
10µF
Figure 35. Typical Operating Circuit
Precision Voltage Reference Selection
To achieve the optimum performance from the AD5763 over its
full operating temperature range, a precision voltage reference
must be used. Thought should be given to the selection of a
precision voltage reference. The AD5763 has two reference
inputs, REFA and REFB. The voltages applied to the reference
inputs are used to provide a buffered positive and negative
reference for the DAC cores. Therefore, any error in the voltage
reference is reflected in the outputs of the device.
There are four possible sources of error to consider when
choosing a voltage reference for high accuracy applications:
initial accuracy, temperature coefficient of the output voltage,
long term drift, and output voltage noise.
Initial accuracy error on the output voltage of an external refer-
ence could lead to a full-scale error in the DAC. Therefore, to
minimize these errors, a reference with low initial accuracy
error specification is preferred. Choosing a reference with an
output trim adjustment, such as the ADR430, allows a system
designer to trim system errors out by setting the reference
voltage to a voltage other than the nominal. The trim adjust-
ment can also be used at temperature to trim out any error.
Long-term drift is a measure of how much the reference output
voltage drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable over its entire lifetime.
The temperature coefficient of a reference output voltage affects
INL, DNL, and TUE. A reference with a tight temperature
coefficient specification should be chosen to reduce the
dependence of the DAC output voltage on ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered.
Choosing a reference with as low an output noise voltage as
practical for the system resolution required is important.
Precision voltage references such as the ADR420 (XFET® design)
produce low output noise in the 0.1 Hz to 10 Hz region.
However, as the circuit bandwidth increases, filtering the output
of the reference may be required to minimize the output noise.
Table 19. Some Precision References Recommended for Use with the AD5763
Part No.
Initial Accuracy (mV Max)
Long-Term Drift (ppm Typ)
Temp Drift (ppm/°C Max)
0.1 Hz to 10 Hz Noise (µV p-p Typ)
ADR430
±1
40
3
3.5
ADR420
±1
50
3
1.75
ADR390
±4
50
9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com