Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8295ACPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8295ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8295
Rev. 0 | Page 5 of
28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Impedance
Differential
100||2
100||2
GΩ||pF
Common Mode
100||2
100||2
GΩ||pF
Input Operating Voltage Range1
VS = ±2.3 V to ±5 V
−VS + 1.9
+VS − 1.1
−VS + 1.9
+VS − 1.1
V
Over Temperature
TA = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
Input Operating Voltage Range1
VS = ±5 V to ±18 V
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
V
Over Temperature
TA = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
OUTPUT
RL = 10 kΩ
Output Swing
VS = ±2.3 V to ±5 V
−VS + 1.1
+VS − 1.2
−VS + 1.1
+VS − 1.2
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.4
+VS − 1.3
−VS + 1.4
+VS − 1.3
V
Output Swing
VS = ±5 V to ±18 V
−VS + 1.2
+VS − 1.4
−VS + 1.2
+VS − 1.4
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.6
+VS − 1.5
−VS + 1.6
+VS − 1.5
V
Short-Circuit Current
18
18
mA
1 One input grounded; G = 1.
OP AMP SPECIFICATIONS
VS = ±15 V, TA = 25°C, RL = 2 kΩ, unless otherwise noted.
Table 3.
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage, VOS
40
20
μV
Average TC
TA = −40°C to +85°C
4
2
μV/°C
Input Bias Current1
10
8
nA
TA = −40°C
20
16
nA
TA = +85°C
10
8
nA
Input Offset Current
2
0.5
nA
Over Temperature
TA = −40°C to +85°C
2
0.5
nA
Input Voltage Range
−VS + 1.2
+VS − 1.2
−VS + 1.2
+VS − 1.2
V
Open-Loop Gain
100
125
116
125
dB
Common-Mode Rejection Ratio
100
100
dB
Power Supply Rejection Ratio
90
110
94
110
dB
Voltage Noise Density
40
40
nV/√Hz
Voltage Noise
f = 0.1 Hz to 10 Hz
2.2
2.2
μV p-p
DYNAMIC PERFORMANCE
Gain Bandwidth Product
1
1
MHz
Slew Rate
2.6
2.6
V/μs
OUTPUT CHARACTERISTICS
Output Swing
VS = ±2.3 V to ±5 V
−VS + 1.1
+VS − 1.2
−VS + 1.1
+VS − 1.2
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.4
+VS − 1.3
−VS + 1.4
+VS − 1.3
V
Output Swing
VS = ±5 V to ±18 V
−VS + 1.2
+VS − 1.4
−VS + 1.2
+VS − 1.4
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.6
+VS − 1.5
−VS + 1.6
+VS − 1.5
V
Short-Circuit Current
18
18
mA
1 Op amp uses an npn input stage, so input bias current always flows into the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com