Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8295ACPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8295ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8295
Rev. 0 | Page 22 of 2
8
R
R
AD8295
IN-AMP
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
CD
CC
CC
10nF
1nF
1nF
4.02kΩ
4.02kΩ
RG
Figure 57. RFI Suppression
Lower cutoff frequencies improve RFI robustness. Accuracy of
the CC capacitors is important, because any mismatch between
the R × CC at the positive input and the R × CC at the negative
input degrades the CMRR of the AD8295. Keeping CD at least
10 times larger than CC is recommended.
DIFFERENTIAL OUTPUT
The AD8295 can be pin-strapped to provide a differential
output; the simplified schematic is shown in Figure 58 and the
full pin connection is shown in Figure 59. This configuration
uses the instrumentation amplifier to maintain the differential
voltage, while the op amp maintains the common-mode voltage.
Because the in-amp precisely controls the output relative to its
reference pin, this circuit has the same excellent dc performance
as the single-ended output configuration. The transfer function
for the differential and common-mode outputs are as follows:
VDIFF_OUT = VOUT+ − VOUT− = G × (VIN+ − VIN−)
VCM_OUT = (VOUT+ + VOUT−)/2 = VREF
where:
G
R
G
4
.
49
1 +
=
This configuration is fully specified (see Table 2, Figure 49, and
Figure 50). DC performance is the same as for the single-ended
configuration; ac performance is slightly different.
+IN
–IN
REF
IN-AMP
VREF INPUT
20kΩ
+
A1
+OUT
–OUT
20kΩ
+
Figure 58. Differential Output Using an Op Amp
A1
OUT
A1
R2
A2
+IN
A2
–IN
–IN
–INPUT
+INPUT
RG
+VS
+VS
0.1µF
–VS
–VS
OUT
REF
RG
+IN
1
2
3
4
8
7
6
5
13
14
15
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
A2
OUT
AD8295
A1
+IN VREF
INPUT
+OUT
–OUT
A1
R1
A1
–IN
12
11
10
9
0.1µF
NOTES
1. CONNECT AS SHOWN IF A2 IS NOT BEING USED.
Figure 59. Minimum Component Connections for Differential Output
An alternative differential output configuration, which also
requires no external components, is shown in Figure 60. Unlike
the previous circuit, this configuration uses an inverting op amp
configuration to double the gain from the instrumentation
amplifier. Because this configuration requires less gain from
the instrumentation amplifier, it can have a wider frequency
response and a wider input common-mode range vs. output
voltage. However, because it does not take advantage of feed-
back at the reference pin of the instrumentation amplifier, dc
performance includes the errors from the op amp and the
resistor network. When using the internal precision components
of the AD8295, these errors have a minimal effect on overall
accuracy. This configuration is not specified in this data sheet.
REF
VREF INPUT
A1
+IN
–IN
R2
20kΩ
+OUT
–OUT
+
IN-AMP
+
RG
R1
20kΩ
Figure 60. Alternative Differential Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com