Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8295ACPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8295ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8295
Rev. 0 | Page 20 of 2
8
Reference Terminal
The output voltage of the AD8295 instrumentation amplifier
is developed with respect to the potential on the reference
terminal. This is useful when the output signal needs to be
offset to a precise dc level.
The reference pin input can be driven slightly beyond the rails.
The REF pin is protected with ESD diodes, and the REF voltage
should not exceed either +VS or −VS by more than 0.3 V.
For best performance, the source impedance to the REF terminal
should be kept below 1 Ω. Additional impedance at the REF
terminal can significantly degrade the CMRR of the amplifier.
When the reference source has significant output impedance
(for example, a resistive voltage divider), buffer the signal before
driving the REF pin. Internal Op Amp A1 or A2 can be used for
this purpose, as shown in Figure 54.
+VS
REF
AD8295
REF
RA
RB
RA
RB
C
+VS
OP AMP
BUFFER
AD8295
INCORRECT
CORRECT
+
Figure 54. Driving the Reference Pin
Noise at the reference feeds directly to the output. Therefore, in
Figure 54, Capacitor C is added to filter out any high frequency
noise on the positive power supply line. For very clean supplies,
the capacitor may not be needed. The filter frequency is a trade-
off between noise rejection and start-up time, and is given by
the following equation:
B
A
B
A
LOWPASS
R
R
R
R
C
f
+
π
=
2
1
LAYOUT
The AD8295 is a high precision device. To ensure optimum
performance at the PCB level, care must be taken in the board
layout. The AD8295 pins are arranged in a logical manner to
aid in this task. Unlike most LFCSP packages, the AD8295
package was designed without the thermal pad to allow routes
and vias directly beneath the chip.
Careful board layout maximizes system performance. Traces
from the gain setting resistor to the RG pins should be kept as
short as possible to minimize parasitic inductance. To ensure
the most accurate output, the trace from the REF pin should
either be connected to the local ground of the AD8295 or to a
voltage that is referenced to the local ground of the AD8295.
Common-Mode Rejection over Frequency
The AD8295 has a higher CMRR over frequency than typical
in-amps, which gives it greater immunity to disturbances such
as line noise and its associated harmonics. The AD8295 pinout
and hidden paddle package were designed so that the board
designer can take full advantage of this performance with a
well-implemented layout.
Poor layout can cause some of the common-mode signal to be
converted to a differential signal before it reaches the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To keep CMRR across
frequency high, the input source impedance and capacitance of
each path should be closely matched. Additional source resistance
in the input path (for example, for input protection) should be
placed close to the in-amp inputs to minimize their interaction
with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect
CMRR over frequency. The traces to the RG resistor should be
kept as short as possible. If the board design has a component at
the gain setting pins (for example, a switch or jumper), the part
should be chosen so that the parasitic capacitance is as small as
possible.
Unused Op Amps
When not in use, the internal op amps should be connected
in a unity-gain configuration, with the noninverting input
connected to a bias point in the input range of the op amp.
These connections ensure that the AD8295 op amp uses
minimum power and does not disturb the internal power
supplies of the AD8295. These connections are shown as
dotted lines in several of the applications figures.
Reference
The output voltage of the instrumentation amplifier section of
the AD8295 is developed with respect to the potential on the
reference terminal (REF); care should be taken to tie the REF
pin to the appropriate local ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com