Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8295ACPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8295ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8295
Rev. 0 | Page 18 of
28
SYSTEM
VS = ±15 V, VREF = 0 V, TA = 25°C, unless otherwise noted.
–40
–20
0
20
40
60
80
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 49. Differential Output Configuration, Gain vs. Frequency
0
10
20
30
40
50
60
70
1
10
100
1k
10k
100k
1M
80
FREQUENCY (Hz)
Figure 50. Differential Output Configuration,
Common-Mode Output vs. Frequency
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (±V)
+25°C
+85°C
+125°C
–40°C
Figure 51. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com