Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS486
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS486 Datasheet HTML 6Page - STMicroelectronics TS486 Datasheet HTML 7Page - STMicroelectronics TS486 Datasheet HTML 8Page - STMicroelectronics TS486 Datasheet HTML 9Page - STMicroelectronics TS486 Datasheet HTML 10Page - STMicroelectronics TS486 Datasheet HTML 11Page - STMicroelectronics TS486 Datasheet HTML 12Page - STMicroelectronics TS486 Datasheet HTML 13Page - STMicroelectronics TS486 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TS486-TS487
10/31
Fig. 7: Open Loop Gain and Phase vs
Frequency
Fig. 9: Open Loop Gain and Phase vs
Frequency
Fig. 11: Current Consumption vs Power Supply
Voltage
Fig. 8: Open Loop Gain and Phase vs
Frequency
Fig. 10: Open Loop Gain and Phase vs
Frequency
Fig. 12: Current Consumption vs Standby
Voltage
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
ZL = 32
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 600
Ω
Tamb = 25
°C
Gain
Phase
012
345
0.0
0.5
1.0
1.5
2.0
Ta=85
°C
Ta=25
°C
No load
Ta=-40
°C
Power Supply Voltage (V)
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
ZL = 32
Ω+400pF
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 600
Ω
Tamb = 25
°C
Gain
Phase
012
345
0.0
0.5
1.0
1.5
2.0
Ta=85
°C
Ta=25
°C
TS486
Vcc = 5V
No load
Ta=-40
°C
Standby Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com