Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS486
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS486 Datasheet HTML 9Page - STMicroelectronics TS486 Datasheet HTML 10Page - STMicroelectronics TS486 Datasheet HTML 11Page - STMicroelectronics TS486 Datasheet HTML 12Page - STMicroelectronics TS486 Datasheet HTML 13Page - STMicroelectronics TS486 Datasheet HTML 14Page - STMicroelectronics TS486 Datasheet HTML 15Page - STMicroelectronics TS486 Datasheet HTML 16Page - STMicroelectronics TS486 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TS486-TS487
13/31
Fig. 25: Power Dissipation vs Output Power
Fig. 27: Power Dissipation vs Output Power
Fig. 29: Output Voltage Swing vs Power Supply
Voltage
Fig. 26: Power Dissipation vs Output Power
Fig. 28: Power Derating vs Ambiant
Temperature
Fig. 30: Low Frequency Cut Off vs Input
Capacitor for fixed gain versions.
0
10
203040
0
10
20
30
40
Vcc=3.3V
F=1kHz
THD+N<1%
RL=16
Ω
RL=32
Ω
Output Power (mW)
02468
10
12
0
5
10
15
RL=16
Ω
RL=32
Ω
Vcc=2V
F=1kHz
THD+N<1%
Output Power (mW)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RL=32
Ω
RL=16
Ω
Tamb=25
°C
Power Supply Voltage (V)
0
5
10
15
20
0
10
20
Vcc=2.5V
F=1kHz
THD+N<1%
RL=16
Ω
RL=32
Ω
Output Power (mW)
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com