Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS486
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS486 Datasheet HTML 21Page - STMicroelectronics TS486 Datasheet HTML 22Page - STMicroelectronics TS486 Datasheet HTML 23Page - STMicroelectronics TS486 Datasheet HTML 24Page - STMicroelectronics TS486 Datasheet HTML 25Page - STMicroelectronics TS486 Datasheet HTML 26Page - STMicroelectronics TS486 Datasheet HTML 27Page - STMicroelectronics TS486 Datasheet HTML 28Page - STMicroelectronics TS486 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TS486-TS487
25/31
Fig. 93: Crosstalk vs Frequency
Fig. 95: Crosstalk vs Frequency
Fig. 97: Signal to Noise Ratio vs Power Supply
Voltage with Weighted Filter Type A
Fig. 94: Crosstalk vs Frequency
Fig. 96: Signal to Noise Ratio vs Power Supply
Voltage with Unweighted Filter (20Hz to 20kHz)
Fig. 98: PSRR vs Power Supply Voltage
100
1000
10000
0
20
40
60
80
ChB to ChA
ChA to ChB
RL=16
Ω
Vcc=2V
Pout=7.5mW
Av=-4
Cb = 1
µF
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
20
40
60
80
ChB to ChA
ChA to ChB
RL=32
Ω
Vcc=2V
Pout=6mW
Av=-4
Cb = 1
µF
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
80
82
84
86
88
90
92
94
96
98
100
Av = -4
Cb = 1
µF
THD+N < 0.4%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=600
Ω
Power Supply Voltage (V)
100
1000
10000
0
20
40
60
80
ChB to ChA
ChA to ChB
RL=32
Ω
Vcc=5V
Pout=55mW
Av=-4
Cb = 1
µF
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
80
82
84
86
88
90
92
94
96
98
100
Av = -4
Cb = 1
µF
THD+N < 0.4%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=600
Ω
Power Supply Voltage (V)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 200mVpp
Av = -4
Input = grounded
Cb = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com