Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS486
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS486 Datasheet HTML 18Page - STMicroelectronics TS486 Datasheet HTML 19Page - STMicroelectronics TS486 Datasheet HTML 20Page - STMicroelectronics TS486 Datasheet HTML 21Page - STMicroelectronics TS486 Datasheet HTML 22Page - STMicroelectronics TS486 Datasheet HTML 23Page - STMicroelectronics TS486 Datasheet HTML 24Page - STMicroelectronics TS486 Datasheet HTML 25Page - STMicroelectronics TS486 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TS486-TS487
22/31
Fig. 75: PSRR vs Power Supply Voltage
Fig. 77: PSRR vs Input Capacitor
Fig. 79: PSRR vs Output Capacitor
Fig. 76: PSRR vs Bypass Capacitor
Fig. 78: PSRR vs Output Capacitor
Fig. 80: THD + N vs Output Power
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 200mVpp
Av = -2
Input = grounded
Cb = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Cin = 100nF
Cin = 1
µF, 220nF
Vripple = 200mVpp
Av = -2, Vcc = 5V
Input = grounded
Cb = 1
µF, Rin = 20kΩ
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Cout = 100
µF
Cout = 470
µF
Vripple = 200mVpp
Av = -2, Vcc = 5V
Input = grounded
Cb = 1
µF, RL = 32Ω
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Cb = 4.7
µF
Cb = 2.2
µF
Cb = 1
µF
Vripple = 200mVpp
Av = -2
Input = grounded
Vcc = 5V
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Cout = 220
µF
Cout = 470
µF
Vripple = 200mVpp
Av = -2, Vcc = 5V
Input = grounded
Cb = 1
µF, RL = 16Ω
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
1
10
100
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 16
Ω
F = 20Hz
Av = -4
Cb = 1
µF
BW < 22kHz
Tamb = 25
°C
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com