Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4932-2YCPZ-R2
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4932-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 5 of 28
5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = 2.5 V, RF = 499 Ω, RG = 499 Ω, RT = 53.6 Ω (when used), RL,dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 55 for signal definitions.
±DIN to VOUT,dm Performance
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
V
OUT, dm = 0.1 V p-p
560
MHz
V
OUT, dm = 0.1 V p-p, RF = RG = 205 Ω
990
MHz
−3 dB Large Signal Bandwidth
V
OUT, dm = 2.0 V p-p
315
MHz
V
OUT, dm = 2.0 V p-p, RF = RG = 205 Ω
320
MHz
Bandwidth for 0.1 dB Flatness
V
OUT, dm = 2.0 V p-p, ADA4932-1, RL = 200 Ω
120
MHz
V
OUT, dm = 2.0 V p-p, ADA4932-2, RL = 200 Ω
200
MHz
Slew Rate
V
OUT, dm = 2 V p-p, 25% to 75%
2200
V/µs
Settling Time to 0.1%
V
OUT, dm = 2 V step
10
ns
Overdrive Recovery Time
V
IN = 0 V to 2.5 V ramp, G = 2
20
ns
NOISE/HARMONIC PERFORMANCE
See Figure 54 for distortion test circuit
Second Harmonic
V
OUT, dm = 2 V p-p, 1 MHz
−110
dBc
V
OUT, dm = 2 V p-p, 10 MHz
−100
dBc
V
OUT, dm = 2 V p-p, 20 MHz
−90
dBc
V
OUT, dm = 2 V p-p, 50 MHz
−72
dBc
Third Harmonic
V
OUT, dm = 2 V p-p, 1 MHz
−120
dBc
V
OUT, dm = 2 V p-p, 10 MHz
−100
dBc
V
OUT, dm = 2 V p-p, 20 MHz
−87
dBc
V
OUT, dm = 2 V p-p, 50 MHz
−70
dBc
IMD
f
1 = 30 MHz, f2 = 30.1 MHz, VOUT, dm = 2 V p-p
−91
dBc
Voltage Noise (RTI)
f = 1 MHz
3.6
nV/√Hz
Input Current Noise
f = 1 MHz
1.0
pA/√Hz
Crosstalk
f = 10 MHz, ADA4932-2
−100
dB
INPUT CHARACTERISTICS
Offset Voltage
V
+DIN = V−DIN = VOCM = 2.5 V
−2.2
±0.5
+2.2
mV
T
MIN to TMAX variation
−3.7
µV/°C
Input Bias Current
−5.3
−3.0
−0.23
µA
T
MIN to TMAX variation
−9.5
nA/°C
Input Offset Current
−0.25
±0.025
+0.25
µA
Input Resistance
Differential
11
MΩ
Common mode
16
MΩ
Input Capacitance
0.5
pF
Input Common-Mode Voltage Range
−V
S + 0.2 to
+V
S − 1.8
V
CMRR
∆V
OUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−100
−87
dB
Open-Loop Gain
64
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆V
OUT, single-ended output,
R
F = RG = 10 kΩ, RL = 1 kΩ
−V
S + 1.15 to
+V
S − 1.15
−V
S + 1.02 to
+V
S − 1.02
V
Linear Output Current
200 kHz, R
L, dm = 10 Ω, SFDR = 67 dB
53
mA rms
Output Balance Error
∆V
OUT, cm/∆VOUT, dm, ∆VOUT, dm = 1 V p-p, 1 MHz,
see Figure 53 for output balance test circuit
−64
−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com