Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4932-2YCPZ-R2
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4932-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 6 of 28
VOCM to VOUT,cm Performance
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
V
OCM DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
V
OUT, cm = 100 mV p-p
260
MHz
−3 dB Large Signal Bandwidth
V
OUT, cm = 2 V p-p
90
MHz
Slew Rate
V
IN = 1.5 V to 3.5 V, 25% to 75%
360
V/µs
Input Voltage Noise (RTI)
f = 1 MHz
9.6
nV/√Hz
V
OCM INPUT CHARACTERISTICS
Input Voltage Range
−V
S + 1.2 to +VS − 1.2
V
Input Resistance
22
25
29
kΩ
Input Offset Voltage
V
+DIN = V−DIN = 2.5 V
−6.5
−3.0
+6.5
mV
V
OCM CMRR
ΔV
OUT, dm/ΔVOCM, ΔVOCM = ±1 V
−100
−86
dB
Gain
ΔV
OUT, cm/ΔVOCM, ΔVOCM = ±1 V
0.995
0.998
1.000
V/V
General Performance
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
3.0
11
V
Quiescent Current per Amplifier
8.2
8.8
9.5
mA
T
MIN to TMAX variation
35
µA/°C
Powered down
0.7
0.8
mA
Power Supply Rejection Ratio
ΔV
OUT, dm/ΔVS, ΔVS = 1 V p-p
−96
−84
dB
POWER-DOWN (PD)
PD
Powered down
Input Voltage
≤(+V
S − 2.5)
V
Enabled
≥(+V
S − 1.8)
V
Turn-Off Time
1100
ns
Turn-On Time
16
ns
PD Pin Bias Current per Amplifier
Enabled
PD
−10
= 5 V
+0.7
+10
µA
Disabled
PD
−100
= 0 V
−70
−40
µA
OPERATING TEMPERATURE RANGE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com