Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4932-2YCPZ-R2
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4932-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 17 of 28
TEST CIRCUITS
ADA4932-x
1k
Ω
+5V
–5V
499
Ω
499
Ω
50
Ω
DC-COUPLED
GENERATOR
499
Ω
0.1µF
499
Ω
VOCM
53.6
Ω
25.5
Ω
VIN
Figure 52. Equivalent Basic Test Circuit, G = 1
ADA4932-x
+5V
0.1µF
–5V
499
Ω
499
Ω
50
Ω
499
Ω
NETWORK
ANALYZER
INPUT
NETWORK
ANALYZER
INPUT
NETWORK
ANALYZER
OUTPUT
AC-COUPLED
50
Ω
50
Ω
499
Ω
49.9
Ω
49.9
Ω
VOCM
53.6
Ω
VIN
Figure 53. Test Circuit for Output Balance, CMRR
ADA4932-x
+5V
–5V
499
Ω
499
Ω
50
Ω
499
Ω
442
Ω
442
Ω
0.1µF
499
Ω
VOCM
53.6
Ω
261
Ω
200
Ω
HP
LP
2:1
50
Ω
CT
VIN
LOW-PASS
FILTER
DC-COUPLED
GENERATOR
0.1µF
0.1µF
DUAL
FILTER
25.5
Ω
Figure 54. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com