Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4932-2YCPZ-R2
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4932-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 16 of 28
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
12
14
16
18
20
TIME (ns)
INPUT
OUTPUT
ERROR
Figure 49. Settling Time
–160
–140
–120
–100
–80
–40
–60
–20
0
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, dm = 2V p-p
RL, dm = 200Ω
CHANNEL 1 TO CHANNEL 2
CHANNEL 2 TO CHANNEL 1
Figure 50. Crosstalk vs. Frequency, ADA4932-2
1.2
–0.2
0.2
0
0.4
0.6
0.8
1.0
6
–1
1
0
2
3
4
5
TIME (µs)
0
6
5
4
3
2
1
RL, dm = 200Ω
VON
PD
Figure 51. PD Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com