Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615P Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 6Page - STMicroelectronics TS615P Datasheet HTML 7Page - STMicroelectronics TS615P Datasheet HTML 8Page - STMicroelectronics TS615P Datasheet HTML 9Page - STMicroelectronics TS615P Datasheet HTML 10Page - STMicroelectronics TS615P Datasheet HTML 11Page - STMicroelectronics TS615P Datasheet HTML 12Page - STMicroelectronics TS615P Datasheet HTML 13Page - STMicroelectronics TS615P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TS615
10/27
Figure 19 : Negative Slew Rate
AV= - 4, Rfb=910Ω, VCC=±2.5V, RL=10Ω
Figure 20 : Slew Rate vs. Temperature
AV=+4, Rfb=910Ω, VCC=±2.5V, RL=10Ω
Figure 21 : Slew Rate vs. Temperature
AV=+4, Rfb=910Ω, VCC=±6V, RL=25Ω
Figure 22 : Input Voltage Noise Level
AV=+92, Rfb=910Ω, Input+ connected to Gnd via 10Ω
Figure 23 : Transimpedance vs. Temperature
Open Loop
Figure 24 : Icc vs. Power Supply
Open loop, no load
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
0
2
Time (s)
−40
−20
0
2040
6080
−200
−150
−100
−50
0
50
100
150
200
Positive SR
Negative SR
Temperature (°C)
−40
−20
0
2040
6080
−600
−500
−400
−300
−200
−100
0
100
200
300
400
500
600
Positive&Negative SR
Rfb=620
Ω
Positive&Negative SR
Rfb=910
Ω
Temperature (°C)
100
1k
10k
100k
1M
2.0
2.5
3.0
3.5
4.0
4.5
5.0
+
_
Output
910
Ω
10
Ω
+ 6V
- 6V
+
_
Output
910
10
Ω
+ 6V
6V
Ω
-
+
_
Output
910
Ω
10
Ω
+ 6V
- 6V
+
_
Output
910
10
Ω
+ 6V
6V
Ω
-
(Frequency (Hz)
-40
-20
0
20406080
0
5
10
15
20
25
30
Vcc=±2.5V
Vcc=±6V
Temperature (
°C)
56789
10
11
12
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Icc(-)
Icc(+)
V
CC
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com