Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615P Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 18Page - STMicroelectronics TS615P Datasheet HTML 19Page - STMicroelectronics TS615P Datasheet HTML 20Page - STMicroelectronics TS615P Datasheet HTML 21Page - STMicroelectronics TS615P Datasheet HTML 22Page - STMicroelectronics TS615P Datasheet HTML 23Page - STMicroelectronics TS615P Datasheet HTML 24Page - STMicroelectronics TS615P Datasheet HTML 25Page - STMicroelectronics TS615P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TS615
22/27
POWER SUPPLY BYPASSING
A proper power supply bypassing comes very im-
portant for optimizing the performance in high fre-
quency range. Bypass capacitors should be
placed as close as possible to the IC pins to im-
prove high frequency bypassing. A capacitor
greater than 1
µF is necessary to minimize the dis-
tortion. For a better quality bypassing a capacitor
of 10nF is added following the same condition of
implementation. These bypass capacitors must be
incorporated for the negative and the positive sup-
ply.
Figure 63 : Circuit for Power Supply Bypassing
SINGLE POWER SUPPLY
The following figure show the case of a 5V single
power supply configuration
Figure 64 : Circuit for +5V single supply
The TS615 operates from 12V down to 5V power
supplies. This is achieved with a dual power sup-
ply of ±6V and ±2.5V or a single power supply of
12V and 5V referenced to the ground. In the case
of this asymmetrical supplying, a new biasing is
necessary to assume a positive output dynamic
range between 0V and +VCC supply rails. Consid-
ering the values of VOH and VOL, the amplifier will
provide an output dynamic from +0.5V to 10.6V on
25
Ω load for a 12V supplying, from 0.45V to 3.8V
on 10
Ω load for a 5V supplying.
The amplifier must be biased with a mid supply
(nominally +VCC/2), in order to maintain the DC
component of the signal at this value. Several op-
tions are possible to provide this bias supply (such
as a virtual ground using an operational amplifier),
or a two-resistance divider which is the cheapest
solution. A high resistance value is required to lim-
it the current consumption. On the other hand, the
current must be high enough to bias the non-in-
verting input of the amplifier. If we consider this
bias current (30
µA max.) as the 1% of the current
through the resistance divider to keep a stable mid
supply, two resistances of 2.2k
Ω can be used in
the case of a 12V power supply and two resistanc-
es of 820
Ω can be used in the case of a 5V power
supply.
The input provides a high pass filter with a break
frequency below 10Hz which is necessary to re-
move the original 0 volt DC component of the input
signal, and to fix it at +VCC/2.
CHANNEL SEPARATION - CROSSTALK
The following figure show the crosstalk from an
amplifier to a second amplifier. This phenomenon,
accented in high frequencies, is unavoidable and
intrinsic of the circuit.
Nevertheless, the PCB layout has also an effect
on the crosstalk level. Capacitive coupling be-
tween signal wires, distance between critical sig-
nal nodes, power supply bypassing, are the most
significant points.
Figure 65 : Crosstalk vs. Frequency
AV=+4, Rfb=620Ω, VCC=±6V, Vout=2Vp
+
-VCC
+VCC
10
µF
+
10nF
TS615
10
µF
+
10nF
-
+
-VCC
+VCC
10
µF
+
10nF
TS615
10
µF
+
10nF
-
+
_
R2
820
Ω
RG
IN
+5V
Rload
OUT
Rfb
910
Ω
10
µF
+ 1
µF
½ TS615
100
µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
Rs
+
_
R2
820
Ω
RG
IN
+5V
Rload
OUT
Rfb
910
Ω
10
µF
+ 1
µF
½ TS615
100
µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
Rs
10k
100k
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com