Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615P Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 8Page - STMicroelectronics TS615P Datasheet HTML 9Page - STMicroelectronics TS615P Datasheet HTML 10Page - STMicroelectronics TS615P Datasheet HTML 11Page - STMicroelectronics TS615P Datasheet HTML 12Page - STMicroelectronics TS615P Datasheet HTML 13Page - STMicroelectronics TS615P Datasheet HTML 14Page - STMicroelectronics TS615P Datasheet HTML 15Page - STMicroelectronics TS615P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TS615
12/27
Figure 31 : Vol vs. Temperature
Open loop
Figure 32 : Differential Vio vs. Temperature
Open loop, no load
Figure 33 : Vio vs. Temperature
Open loop, no load
Figure 34 : CMR vs. Temperature
Open loop, no load
Figure 35 : SVR vs. Temperature
Open loop, no load
Figure 36 : Iout vs. Temperature
Open loop, VCC=±6V, RL=10Ω
-40
-20
0
20406080
-6
-5
-4
-3
-2
-1
0
Vcc=±2.5V
Load=10
Ω
Vcc=±6V
Load=25
Ω
Temperature (
°C)
-40
-20
0
20
406080
200
250
300
350
400
450
Vcc=±2.5V
Vcc=±6V
Temperature (
°C)
-40
-20
0
2040
6080
-0.5
0.0
0.5
1.0
1.5
2.0
Vcc=±2.5V
Vcc=±6V
Temperature (
°C)
-40
-20
0
2040
6080
50
52
54
56
58
60
62
64
66
68
70
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
-40
-20
0
20406080
76
78
80
82
84
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
-40
-20
0
20406080
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Isource
Isink
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com