Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615P Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 17Page - STMicroelectronics TS615P Datasheet HTML 18Page - STMicroelectronics TS615P Datasheet HTML 19Page - STMicroelectronics TS615P Datasheet HTML 20Page - STMicroelectronics TS615P Datasheet HTML 21Page - STMicroelectronics TS615P Datasheet HTML 22Page - STMicroelectronics TS615P Datasheet HTML 23Page - STMicroelectronics TS615P Datasheet HTML 24Page - STMicroelectronics TS615P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TS615
21/27
NOISE MEASUREMENT
Figure 62 : Noise Model
eN : input voltage noise of the amplifier
iNn : negative input current noise of the amplifier
iNp : positive input current noise of the amplifier
The closed loop gain is :
The six noise sources are :
Assuming the thermal noise of a resistance R as:
with
∆F the specified bandwidth.
On 1Hz bandwidth the thermal noise is reduced to
k
is
the
Boltzmann’s
constant
equals
to
1,374.10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Su-
perposition Theorem. But it is not the sum of all
noise sources. The output noise is the square root
of the sum of the square of each noise source.
The input noise of the instrumentation must be ex-
tracted from the measured noise value. The real
output noise value of the driver is:
The input noise is called the Equivalent Input
Noise as it is not directly measured but it is evalu-
ated from the measurement of the output divided
by the closed loop gain (eNo/g).
After simplification of the fourth and the fifth term
of (eq2) we obtain:
Measurement of eN:
We assume a short-circuit on the non-inverting in-
put (R3=0). (eq4) comes:
In order to easily extract the value of eN, the resis-
tance R2 will be chosen as low as possible. In the
other hand, the gain must be large enough.
R1=10
Ω, R2=910Ω, R3=0, Gain=92
Equivalent Input Noise: 2.57nV/
√Hz
Input Voltage Noise: eN=2.5nV/
√Hz
Measurement of iNn:
R3=0 and the output noise equation is still the
(eq5). This time the gain must be decreased to de-
crease the thermal noise contribution.
R1=100
Ω, R2=910Ω, R3=0, Gain=10.1
Equivalent Input Noise: 3.40nV/
√Hz
Negative Input Current Noise: iNn =21pA/
√Hz
Measurement of iNp:
To extract iNp from (eq3), a resistance R3 is con-
nected to the non-inverting input. The value of R3
must be chosen in order to keep its thermal noise
contribution as low as possible against the iNp
contribution.
R1=100
Ω, R2=910Ω, R3=100Ω, Gain=10.1
Equivalent Input Noise: 3.93nV/
√Hz
Positive Input Current Noise: iNp=15pA/
√Hz
Conditions: frequency=100kHz, VCC=±2.5V
Instrumentation: Spectrum Analyzer HP3585A
(input noise of the HP3585A: 8nV/
√Hz)
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
TS615
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
TS615
eN
A
V
g1
R
fb
R
g
----------
+
==
V1
eN
1
R2
R1
-------
+


×
=
V2
iNn
R 2
×
=
V3
iNp
R31
R2
R1
-------
+


×
×
=
V4
R2
R1
-------
4kTR1
×
–
=
V54 kTR2
=
V61
R2
R1
-------
+

 4kTR3
=
4kTR F
∆
4kTR
eNo
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+++
++
eq1
(
)
,
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R 3
2
×
g
2
×
=
…
R2
R1
-------


2
4kTR14kTR21
R 2
R 1
-------
+


2
4kTR3
×
++
×
eq2
(
)
,
+
eNo
Measured
()
2
instrumentation
()
2
–
eq3
()
,
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
=
… g 4kTR21
R2
R1
-------
+


2
4kTR3
×
+
×
eq 4
()
,
+
eNo
eN
2
g
2
iNn
2
R2
2
g
4kTR2
×
+
×
+
×
eq5
()
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com