Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2711Z Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products DS2711Z Datasheet HTML 10Page - Maxim Integrated Products DS2711Z Datasheet HTML 11Page - Maxim Integrated Products DS2711Z Datasheet HTML 12Page - Maxim Integrated Products DS2711Z Datasheet HTML 13Page - Maxim Integrated Products DS2711Z Datasheet HTML 14Page - Maxim Integrated Products DS2711Z Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
14 of 15
Table 4. PARALLEL CONFIGURATION, EACH CELL
MODE
CURRENT LIMIT 500mA
CURRENT LIMIT 1000mA
Cell Capacity
900mAH
1700mAH
2200mAH
900mAH
1700mAH
2200mAH
Fast
C/3.72
C/7.02
C/9.08
C/1.86
C/3.51
C/4.54
Precharge/Top-Off
C/14.4
C/27.2
C/35.2
C/7.20
C/13.6
C/17.6
Maintenance
C/115
C/218
C/282
C/57.6
C/109
C/141
Series and Single Cell Charging Example:
In the series and single-cell modes, the effective fast charge current is equal to 0.969 times the regulated current
limit and the top-off current is 0.25 times the regulated current. The maintenance mode is identical to the parallel
charging rate, that is, 1/64 times the regulated current. The C-rates for charging 3 different cell capacities using a
500mA and a 1000mA current source are shown in the following table.
Table 5. SERIES CONFIGURATION, EACH CELL
MODE
CURRENT LIMIT 500mA
CURRENT LIMIT 1000mA
Cell Capacity
900mAH
1700mAH
2200mAH
900mAH
1700mAH
2200mAH
Fast
C/1.86
C/3.51
C/4.54
C/0.93
C/1.75
C/2.27
Precharge/Top-Off
C/7.20
C/13.6
C/17.6
C/3.60
C/6.80
C/8.80
Maintenance
C/115
C/218
C/282
C/57.6
C/109
C/141
LED1 and LED2 Outputs, MODE-Select Input
Open-drain outputs LED1 and LED2 pull low to indicate charge status. When inactive, the outputs are high
impedance. LED1 displays the status for the cell monitored by VP1 and LED2 displays the status for the cell
monitored by VP2.
The LED pins drive low in three “blink” patterns to annunciate the charge status. Table 6 summarizes the LED
operation in each display mode (DM0, DM1, DM2) for each charge condition. In parallel mode, LED1 indicates the
status of the cell whose positive terminal is connected to VP1 and LED2 indicates the status of the cell whose
positive terminal is connected to VP2. In series mode, LED1 indicates the charge status for both cells since they
are charged in series.
Table 6. DISPLAY PATTERNS BY DISPLAY MODE AND CHARGE ACTIVITY
DISPLAY MODE
CHARGE ACTIVITY
DMSEL PIN
NO
BATTERY
PRE/FAST/TOP-
OFF
CHARGING
MAINTENANCE
FAULT
DM0
Low
High-Z
Low
0.80s Low
0.16s High-Z
0.48s Low
0.48s High-Z
DM1
Float
High-Z
Low
High-Z
0.16s Low
0.16s High-Z
DM2
High
High-Z
0.80s Low
0.16s High-Z
Low
0.16s Low
0.16s High-Z
High-Z = High Impedance
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com