Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2711Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2711Z Datasheet HTML 1Page - Maxim Integrated Products DS2711Z Datasheet HTML 2Page - Maxim Integrated Products DS2711Z Datasheet HTML 3Page - Maxim Integrated Products DS2711Z Datasheet HTML 4Page - Maxim Integrated Products DS2711Z Datasheet HTML 5Page - Maxim Integrated Products DS2711Z Datasheet HTML 6Page - Maxim Integrated Products DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
2 of 15
Table 1. ORDERING INFORMATION
+ Denotes lead-free package.
ABSOLUTE MAXIMUM RATINGS*
Voltage on All Pins Relative to VSS
-0.3V to +6V
Voltage on DMSEL
VDD + 0.3V
Continuous Sink Current CC1, CC2, LED1, LED2 and CSOUT
20mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020
*This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(4.0V
≤ VDD ≤ 5.5V; TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
4.0
5.5
V
Input Voltage Range
LED2, DMSEL
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(4.0V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, VDD
IDD
Operating mode
250
500
μA
UVLO Threshold
VUVLO
VDD rising (Note 1)
3.5
3.9
V
UVLO Hysteresis
VUHYS
VDD falling from above
VUVLO
40
mV
Output-Voltage Low,
CC1, CC2, LED1, LED2
VOL1
VDD = 5.0V,
IOL = 20mA (Note 1)
1.0
V
Output-Voltage Low,
CSOUT
VOL2
VDD = 5.0V,
IOL = 20mA (Note 1)
0.75
1.25
V
Leakage Current,
CC1, CC2, LED1, LED2,
CSOUT
ILKG
VDD = 5.0V,
Output inactive
-1
+1
μA
Threshold Voltage,
-
ΔV Termination
V-ΔV
After tTHO
1.0
2.0
3.0
mV
Mode Test Current,
DMSEL, LED2
IMTST
(Notes 2, 3)
5
15
μA
PART
MARKING
PIN-PACKAGE
DS2711Z
DS2711
16 SO
DS2711Z/T&R
DS2711
16 SO, Tape-and-Reel
DS2712Z
DS2712
16 SO
DS2712Z/T&R
DS2712
16 SO, Tape-and-Reel
DS2711Z+
DS2711
16 SO
DS2711Z+T&R
DS2711
16 SO, Tape-and-Reel
DS2712Z+
DS2712
16 SO
DS2712Z+T&R
DS2712
16 SO, Tape-and-Reel
DS2711E+
DS2711
16 TSSOP
DS2711E+T&R
DS2711
16 TSSOP, Tape-and-Reel
DS2712E+
DS2712
16 TSSOP
DS2712E+T&R
DS2712
16 TSSOP, Tape-and-Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com