Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2711Z Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2711Z Datasheet HTML 2Page - Maxim Integrated Products DS2711Z Datasheet HTML 3Page - Maxim Integrated Products DS2711Z Datasheet HTML 4Page - Maxim Integrated Products DS2711Z Datasheet HTML 5Page - Maxim Integrated Products DS2711Z Datasheet HTML 6Page - Maxim Integrated Products DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products DS2711Z Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
6 of 15
Figure 2. STATE DIAGRAM
POR
Standby power
CCx = Hi-Z
LEDx = Hi-Z
VDD > VPOR (3.7V)
Presence
TEST
CCx = Hi-Z
LEDx = No Battery
VBAT < 1.65V
t < PCTimeout
OR
VBAT < 1V
VBAT > 1.75V
OR
T < 0C
OR
T > 45C
VDD < VPOR -VHYS
(asynchronously from
anywhere)
PreCHG
CCx = Active
12.5% Par., 25% Ser.
LEDx = Charging
FAULT
Standby power
CCx = Hi-Z
LEDx = Fault
FAIL:
VON - VOFF > VCTST
Cell Test
CCx = Hi-Z
LEDx = Charging
T > 50
Fast
CHG
t < Fast Timeout
Topoff
CHG
t < Topoff Timeout
delta-V detect
OR
t > Fast Timeout
MAINT
CCx = Active 1/64
LEDx = Maintenance
T > 50
OR
t > Topoff Timeout
t > PCTimeout
OR T < 0
OR T > 50
OR VBAT > 1.75V
VBAT > 1.75V
VBAT > 1.75V
(asynchronously
from anywhere)
PASS
32 clock
interval
VBAT > 1V
AND
t < PCTimeout
AND
T < 50C
CCx = Active
12.5% Par., 25% Ser.
LEDx = Charging
CCx = Active
48% Par., 97% Ser.
LEDx = Charging
VBAT > 1.75V
t < 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com