Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2711Z Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2711Z
Description  Loose Cell NiMH Chargers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2711Z Datasheet HTML 1Page - Maxim Integrated Products DS2711Z Datasheet HTML 2Page - Maxim Integrated Products DS2711Z Datasheet HTML 3Page - Maxim Integrated Products DS2711Z Datasheet HTML 4Page - Maxim Integrated Products DS2711Z Datasheet HTML 5Page - Maxim Integrated Products DS2711Z Datasheet HTML 6Page - Maxim Integrated Products DS2711Z Datasheet HTML 7Page - Maxim Integrated Products DS2711Z Datasheet HTML 8Page - Maxim Integrated Products DS2711Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
4 of 15
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Duty Factor, Parallel
Precharge/Top-Off
CC1, CC2
0.125
Duty Factor, Maintenance
Charge
CC1, CC2
0.0156
Cell Test Interval
tCTST
31
s
Precharge Time-Out
tPCHG
VCELL < VBAT-MIN
34
minutes
Fast-Charge Termination
Hold-Off Period
tTHO
4
minutes
Fast-Charge Flat Voltage
Time-Out
tFLAT
VCELL not increasing
16
minutes
Charge Timer Period
tCTMR
RTMR = 100kΩ
2.5
h
Charge Timer Accuracy
RTMR = 100kΩ
-5
+5
%
Charge Timer Range
tCTMR-RANGE
0.5
10
h
Note 1:
Voltages relative to VSS.
Note 2:
IMTST current is applied as a source current and as a sink current within 5ms after power-up.
Note 3:
When operating in two-cell-series charge configuration, the DMSEL pin must have less than 50pF of external load capacitance
for proper operation. If the load capacitance is greater than 50pF, a resistor voltage divider should be used to maintain DMSEL
at VDD / 2.
Note 4:
Specification applicable during charge cycle with TA = 0°C to +70°C.
Note 5:
VBAT-MAX1 and VBAT-MAX1 are generated from the same reference. Their ranges never overlap.
Note 6:
VTHM-MIN, VTHM-MAX, and VTHM-STOP are fixed ratios of VDD. Their ranges never overlap.
Note 7:
Tested with ICSOUT = -1mA.
Note 8:
Gain tested with 1mV step with ICSOUT = -1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com