Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 2Page - Texas Instruments ADS7882IPFBT Datasheet HTML 3Page - Texas Instruments ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23
24
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
BUSY
BDGND
+VBD
NC
NC
NC
NC
DB0
DB1
DB2
DB3
BDGND
REFIN
REFOUT
NC
+VA
AGND
+IN
−IN
AGND
+VA
+VA
AGND
AGND
NC − No connection
ADS7882
SLAS630 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO. PFB
8-BIT BUS
16-BIT BUS
DATA BUS
BYTE = 0
BYTE = 1
BYTE = 0
DB11
16
O
D11 (MSB)
D3
D11 (MSB)
DB10
17
O
D10
D2
D10
DB9
18
O
D9
D1
D9
DB8
19
O
D8
D0 (LSB)
D8
DB7
20
O
D7
0
D7
DB6
21
O
D6
0
D6
DB5
22
O
D5
0
D5
DB4
23
O
D4
0
D4
DB3
26
O
D3
0
D3
DB2
27
O
D2
0
D2
DB1
28
O
D1
0
D1
DB0
29
O
D0 (LSB)
0
D0 (LSB)
CONTROL PINS
Chip select. Active low signal enables chip operation like acquisition start, conversion start, bus
CS
42
I
release from 3-state. Refer to the timing diagrams for more details.
Conversion start. The rising edge starts the acquisition. The falling edge of this input ends the
CONVST
40
I
acquisition and starts the conversion. Refer to the timing diagrams for more details.
Active low synchronization pulse for the parallel output. When CS is low, this serves as the
RD
41
I
output enable and puts the previous conversion results on the bus.
A_PWD
37
I
Nap mode enable, active low
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com