Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments ADS7882IPFBT Datasheet HTML 12Page - Texas Instruments ADS7882IPFBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CONVERSION ABORT
1111 1110 0000
td5
CS
CONVST
BUSY
tsu1
RD
D11−D0
DATA READ
D11−4 & D3−0
D3−0
tw5
CS
CONVST
BUSY
D11−D0
td2
td1 + t(acq)
t(conv)
td11
td6
td7
td9
BYTE
t1
RD
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
The falling edge of CS aborts the conversion while BUSY is high and CONVST is high (see Figure 4). The
device outputs FE0 (hex) to indicate a conversion abort.
Figure 4. Conversion Abort
Two conditions need to be satisfied for a read operation. Data appears on the D11 through D0 pins (with D11
MSB) when both CS and RD are low. Figure 5 and Figure 6 illustrate the device read operation. The bus is
3-stated if any one of the signals is high.
Figure 5. Read Control via CS and RD
There are two output formats available. Twelve bit data appears on the bus during a read operation while BYTE
is low. When BYTE is high, the lower byte (D3 through D0 followed by all zeroes) appears on the data bus with
D3 in the MSB. This feature is useful for interfacing with eight bit microprocessors and microcontrollers.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com