Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments ADS7882IPFBT Datasheet HTML 12Page - Texas Instruments ADS7882IPFBT Datasheet HTML 13Page - Texas Instruments ADS7882IPFBT Datasheet HTML 14Page - Texas Instruments ADS7882IPFBT Datasheet HTML 15Page - Texas Instruments ADS7882IPFBT Datasheet HTML 16Page - Texas Instruments ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TA − Free-Air temperature − °C
80.0
80.5
81.0
81.5
82.0
−40
−20
0
20
40
60
80
G006
fIN = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
TA − Free-Air temperature − °C
−81.0
−80.5
−80.0
−79.5
−79.0
−78.5
−78.0
−40
−20
0
20
40
60
80
G005
fIN = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
67
68
69
70
71
72
fIN − Input Frequency − kHz
1
10
100
G008
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
10.5
10.7
10.9
11.1
11.3
11.5
fIN − Input Frequency − kHz
1
10
100
G007
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
ADS7882
SLAS630 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TOTAL HARMONIC DISTORTION
SPURIOUS-FREE DYNAMIC RANGE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 17.
Figure 18.
EFFECTIVE NUMBER OF BITS
SIGNAL-TO-NOISE AND DISTORTION
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 19.
Figure 20.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com