Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments ADS7882IPFBT Datasheet HTML 19Page - Texas Instruments ADS7882IPFBT Datasheet HTML 20Page - Texas Instruments ADS7882IPFBT Datasheet HTML 21Page - Texas Instruments ADS7882IPFBT Datasheet HTML 22Page - Texas Instruments ADS7882IPFBT Datasheet HTML 23Page - Texas Instruments ADS7882IPFBT Datasheet HTML 24Page - Texas Instruments ADS7882IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
APPLICATION INFORMATION
LAYOUT
21
Ω
0.1
µF
1
µF
0.1
µF
0.1
µF
1
µF
Analog Input
Circuit
21
Ω
+VA
AGND
REFOUT
REFIN
REFM
+IN
−IN
ADS7882
Analog 5 V
AGND
External Reference from
REF5025 or REF3225
AGND
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
For optimum performance, care should be taken with the physical layout of the ADS7882 circuitry.
As the ADS7882 offers single-supply operation, it is often used in close proximity with digital logic,
micro-controllers, microprocessors, and digital signal processors. The more digital logic present in the design and
the higher the switching speed, the more difficult it is to achieve acceptable performance from the converter.
The basic SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground
connections, and digital inputs that occur just prior to the end of sampling (within quiet sampling time) and just
prior to latching the output of the analog comparator during the conversion phase. Thus, driving any single
conversion for an n-bit SAR converter, there are n+1 windows in which large external transient voltages can
affect the conversion result. Such glitches might originate from switching power supplies, nearby digital logic, or
high power devices.
The degree of error in the digital output depends on the reference voltage, layout, and the exact timing of the
external event.
On average, the ADS7882 draws very little current from an external reference as the reference voltage is
internally buffered. If the reference voltage is external and originates from an op amp, make sure that it can drive
the bypass capacitor or capacitors without oscillation. A 0.1-
µF bypass capacitor and 1-µF storage capacitor are
recommended from REFIN (pin 1) directly to REFM (pin 48).
The AGND and BDGND pins should be connected to a clean ground point. In all cases, this should be the
analog ground. Avoid connections which are too close to the grounding point of a micro-controller or digital signal
processor. If required, run a ground trace directly from the converter to the power supply entry point. The ideal
layout consists of an analog ground plane dedicated to the converter and associated analog circuitry.
As with the AGND connections, +VA should be connected to a 5-V power supply plane that is separate from the
connection for +VBD and digital logic until they are connected at the power entry point onto the PCB. Power to
the ADS7882 should be clean and well bypassed. A 0.1-
µF ceramic bypass capacitor should be placed as close
to the device as possible. See Table 3 for the placement of capacitor. In addition to a 0.1-
µF capacitor, a 1-µF
capacitor is recommended. In some situations, additional bypassing may be required, such as a 100-
µF
electrolytic capacitor or even a Pi filter made up of inductors and capacitors, all designed to essentially low-pass
filter the 5-V supply, removing the high frequency noise.
Table 3. Power Supply Decoupling Capacitor Placement
POWER SUPPLY PLANE
CONVERTER
CONVERTER ANALOG SIDE
DIGITAL SIDE
SUPPLY PINS
Pairs of pins that require a shortest path to decoupling
(4,5), (9,8), (10,11), (13, 15), (43, 44) (46, 45)
(24, 25), (34, 35)
capacitors
Pins that require no decoupling
14, 12
Figure 33. Using External Reference
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com