Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68HC901 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 26Page - STMicroelectronics TS68HC901 Datasheet HTML 27Page - STMicroelectronics TS68HC901 Datasheet HTML 28Page - STMicroelectronics TS68HC901 Datasheet HTML 29Page - STMicroelectronics TS68HC901 Datasheet HTML 30Page - STMicroelectronics TS68HC901 Datasheet HTML 31Page - STMicroelectronics TS68HC901 Datasheet HTML 32Page - STMicroelectronics TS68HC901 Datasheet HTML 33Page - STMicroelectronics TS68HC901 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0Vdc ± 5%, GND = 0Vdc, TA =0°Cto 70°C)
Number
Characteristic
Value
Unit
4MHz
5MHz
8MHz
Min.
Max.
Min.
Max.
Min.
Max.
1
CS, DS Width High
50
35
25
ns
2
R/W, A1-A5 Valid to Falling CS (setup)
30
25
20
ns
3
Data Valid Prior to Falling CLK
280
150
100
ns
4(3)
CS, IACK Valid to Falling Clock (setup)
50
50
50
ns
4a(4)
Falling Clock to Next CS Low
100
80
50
ns
5
CLK Low to DTACK Low
220
180
90
ns
6
CS, DS or IACK High to DTACK High
60
55
50
ns
7
CS, DS or IACK High to DTACK Tri-state
100
100
100
ns
8
DTACK Low to Data Invalid (hold time)
0
0
0
ns
9
CS, DS or IACK High to Data Tri-state
50
50
50
ns
10
CS or DS High to R/W, A1-A5 Invalid
(hold time)
000
ns
11(3,5)
Data Valid from CS Low
310
260
200
ns
12
Read Data Valid to DTACK Low (setup)
50
50
20
ns
13
DTACK Low to DS, CS or IACK High
(hold time)
000
ns
14
IEI Low to Falling CLK (setup)
50
50
50
ns
15(1)
IEO Valid from Clock Low (delay)
180
180
120
ns
16
Data Valid from Clock Low (delay)
300
300
180
ns
17
IEO Invalid from IACK High (delay)
150
150
100
ns
18
DTACK Low from Clock High (delay)
180
165
100
ns
19(1)
IEO Valid from IEI Low (delay)
100
100
100
ns
20
Data Valid from IEI Low (delay)
220
220
195
ns
21
Clock Cycle Time
250
1000
200
1000
125
1000
ns
22
Clock Width Low
110
90
55
ns
23
Clock Width High
110
90
55
ns
24(4)
DS Inactive to rising Clock (setup)
100
80
50
ns
25
I/O Minimum Active Pulse Width
100
100
100
ns
26
IACK Width High
2
2
2
TCLK
27
I/O Data Valid from Rising CS or DS
450
450
350
ns
28
Receiver Ready Delay from Rising RC
600
600
200
ns
29
Transmitter Ready Delay from Rising TC
600
600
200
ns
Not es :
1. IEO only goes low if no acknowledgeable interrupt is
pending. If IEO goes low, DTACK and the data bus re-
main tri-stated.
2. TCLK refers to the clock applied to the MFP CLK input
pin. tCLK refers to the timer clock signal, regardless of
whetherthat signal comes from the XTAL 1/XTAL2 crys-
tal clock inputs or the TAI or TBI timer inputs.
3. If the setup time is not met, CS or IACK will not be reco-
gnized until the next falling CLK.
4. If this setup time is met (for consecutive cycles), the mi-
nimum hold-off time of one clock cycle will be obtained.
If not met, the hold-off will be two clock cycles.
5. Although CS and DTACK are synchronized with the
clock, the data out during a read cycle is asynchronous
to the clock, relying only on CS for timing.
6. Spec. 30 applies to timer outputs TAO and TBO only.
®
TS68HC901
30/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com