Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68HC901 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 34Page - STMicroelectronics TS68HC901 Datasheet HTML 35Page - STMicroelectronics TS68HC901 Datasheet HTML 36Page - STMicroelectronics TS68HC901 Datasheet HTML 37Page - STMicroelectronics TS68HC901 Datasheet HTML 38Page - STMicroelectronics TS68HC901 Datasheet HTML 39Page - STMicroelectronics TS68HC901 Datasheet HTML 40Page - STMicroelectronics TS68HC901 Datasheet HTML 41Page - STMicroelectronics TS68HC901 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Figure 31 : Multiplexed Bus Timing Motorola Type
N
°
Parameter
Min.
Max.
Unit
2
Cycle Time
800
ns
3
Pulse Width DS Low or RD/WR High
350
ns
4
Pulse Width DS High or RD/WR Low
340
ns
5
Pulse Width AS/ALE High
100
ns
6
Delay AS Fall to DS Rise or ALE Fall
to RD/WR Fall
30
ns
7
Delay DS or RD/WR Rise to AS/ALE Rise
30
ns
8
R/W Setup Time to DS
100
ns
9
R/W Hold Time to DS
10
ns
10
Address Setup Time to AS/ALE
20
ns
11
Address Hold Time to AS/ALE
20
ns
12
Data Setup Time to DS or WR (Write)
280
ns
13
Delay Data to DS or RD (Read)
250
ns
14
Data Hold Time to DS or WR (Write)
20
ns
15
Data Hold Time to DS or RD (Read)
0
100
ns
16
CE Setup Time to AS/ALE Fall
20
ns
17
CE Hold Time to DS, RD or WR
20
ns
AC ELECTRICAL CHARACTERISTICS - MULTIPLEXED BUS TIMING
(VCC=5.0V VDC
±5%, VSS=0VDC,TA=0 to 70°C unless otherwise noted) See fi-
®
TS68HC901
38/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com