Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68HC901 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 34Page - STMicroelectronics TS68HC901 Datasheet HTML 35Page - STMicroelectronics TS68HC901 Datasheet HTML 36Page - STMicroelectronics TS68HC901 Datasheet HTML 37Page - STMicroelectronics TS68HC901 Datasheet HTML 38Page - STMicroelectronics TS68HC901 Datasheet HTML 39Page - STMicroelectronics TS68HC901 Datasheet HTML 40Page - STMicroelectronics TS68HC901 Datasheet HTML 41Page - STMicroelectronics TS68HC901 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
52 PIN PLASTIC LEADLESS CHIP CARRIER PACKAGE (FN)
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.20
5.08 0.165
0.200
A1
0.64
0.025
A3
2.29
3.30 0.090
0.130
B
0.331
0.533 0.013
0.021
B1
0.661
0.812 0.026
0.032
D
19.94
20.19 0.785
0.795
D1
19.050
19.202 0.750
0.756
D3
15.24
0.600
E
19.94
20.19 0.785
0.795
E1
19.050
19.202 0.750
0.756
E3
15.24
0.600
K1
--
--
--
e
1.27
0.050
Number of Pins
N52
ND
13
NE
13
48 PIN PLASTIC DUAL-IN-LINE PACKAGE, 600 MIL WIDTH (P)
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8
0.086
0.189
A1
0.51
1.77 0.010
0.069
B
0.38
0.58 0.015
0.023
B1
0.97
1.52 0.055
0.065
C
0.2
0.3
0.008
0.009
D
60.46
61.62 2.400
2.425
D1
–––
–––
E
16.3
0.641
E1
12.9
0.508
K1
–––
–––
K2
–––
–––
L
3.18
4.44
1.25
0.174
e1
2.54
0.10
Number of Pins
N48
®
TS68HC901
41/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com