Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68HC901 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 34Page - STMicroelectronics TS68HC901 Datasheet HTML 35Page - STMicroelectronics TS68HC901 Datasheet HTML 36Page - STMicroelectronics TS68HC901 Datasheet HTML 37Page - STMicroelectronics TS68HC901 Datasheet HTML 38Page - STMicroelectronics TS68HC901 Datasheet HTML 39Page - STMicroelectronics TS68HC901 Datasheet HTML 40Page - STMicroelectronics TS68HC901 Datasheet HTML 41Page - STMicroelectronics TS68HC901 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Figure 34 : INTR Test Load
CR YSTAL PAR AMET ERS :
Par allel resonance, f undament al mode AT cut
RS ≤ 150Ω (FR = 2.8–5.0MHz);
RS ≤ 300Ω (FR = 2.0–2.7MHz)
CL = 18pf ; CM = 0.02pf;Ch = 5pf ; LM = 96mH
FR (typ) = 2.4576MHz
Figure 35 : External Oscillator Components
CAPACITANCE
TA =25°C, f = 1MHz unmeasured pins returned to ground.
Symbol
Parameter
Test Condition
Max.
Unit
C IN
Input Capacitance
Unmeasured pins returned to
ground
10
pF
COUT
Tri-state Output Capacitance
10
pF
F or all outputs except DTACK
For D TACK
C L = 100pf
C L =130pf
R L =20k Ω
R L =6kΩ
R 1 =1. 9kΩ
R 1 =740Ω
Figure 33 : Typical Test Load
OT HE R POSSIBLE CONFIGU RATION:
XTA L1 dri ven with a C MOS clock and XTAL2 not connec-
ted
Figure 36 : External Clock Connection.
Symbol
Parameter
Value
Unit
4MHz
5MHz
8MHz
Min.
Max.
Min.
Max.
Min.
Max.
f
Frequency of Operation
1.0
4.0
1.0
5.0
1.0
8.0
MHz
tcyc
Cycle Time
250
1000
200
1000
125
1000
ns
tCL,tCH
Clock Pulse Width
110
480
90
480
55
480
ns
tCr,tCf
Rise and Fall Times
-
15
-
10
-
10
ns
CLOCK TIMING
®
TS68HC901
40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com