Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5533
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5533 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
25
3.12
AC Specifications
3.12.1
Pad AC Specifications
Table 17. Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
1
1 These are worst-case values that are estimated from simulation (not tested). The values in the table are simulated at:
VDD = 1.35–1.65 V; VDDE = 1.62–1.98 V; VDDEH = 4.5–5.25 V; VDD33 and VDDSYN = 3.0–3.6 V; and TA =TL to TH.
Spec
Pad
SRC / DSC
(binary)
Out Delay 2, 3, 4
(ns)
2 This parameter is supplied for reference and is guaranteed by design (not tested).
3 The output delay is shown in Figure 4. To calculate the output delay with respect to the system clock,
add a maximum of one system clock to the output delay.
4 The output delay and rise and fall are measured to 20% or 80% of the respective signal.
Rise / Fall 4, 5
(ns)
5 This parameter is guaranteed by characterization rather than 100% tested.
Load Drive
(pF)
1
Slow high voltage (SH)
11
26
15
50
82
60
200
01
75
40
50
137
80
200
00
377
200
50
476
260
200
2
Medium high voltage (MH)
11
16
8
50
43
30
200
01
34
15
50
61
35
200
00
192
100
50
239
125
200
3Fast
00
3.1
2.7
10
01
2.5
20
10
2.4
30
11
2.3
50
4
Pullup/down (3.6 V max)
—
—
7500
50
5
Pullup/down (5.5 V max)
—
—
9000
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com